Electronic Components Datasheet Search
  English  ▼

X  

SL355 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # SL355
Description  Personal Noise Dosimeter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SL355 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  SL355 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2011-2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/18/14 - R1
Low cost, lightweight, and easy to use
For measuring total sound exposure over an 8-hour period
Personal Noise Dosimeter
Features:
• Perform OSHA and IEC Noise accumulation surveys
• One user-defined measurement setup
• Adjustable Criterion Level, Exchange Rate, and Threshold
• Applications include Personal accumulated noise exposure
measurement, Workplace noise assessment, OSHA and
other regulatory agency compliances
• Measures frequency weighted noise exposure and peak sound
level simultaneously
• Datalogs up to 12,000 readings when used as a sound level
meter with sampling times between 1sec and 1hr
• In sound level mode, meter displays sound level, time-averaged
sound level (Leq), peak, and sound exposure level (SEL)
• Optional 94/114dB calibrator to perform “before” and
“after” calibration checks per ANSI standards
• Stores up to 20 dosimeter surveys.
Data includes Start/Stop Time, %Dose, %Dose projected for an
8 hour period, and peak level when used in the Dosimeter mode
• USB interface with Windows
® XP/Vista/7 compatible software
to control setup and retrieve stored events or analyze real
time measurements
• Includes belt clip, clip-on 0.5" microphone with 2.6ft (0.8m)
cable, 3 AAA batteries, mini screwdriver, software, USB cable,
and carrying case
Ordering Information:
SL355 ..................Noise Dosimeter/Datalogger
SL355-NIST ........SL355 with Certificate of Calibration Traceable to NIST
407766 ................94/114dB Sound Level Calibrator
Specifications
Standards
IEC61252 ,ANSI S1.25(1992) for dose and sound exposure meters
IEC 60651-1979 Type 2 for sound level meters
ANSI S1.4-1983 Type S (1) for sound level meters
Ranges
60 - 130 dB / 70 to 140dB (A/C Weighting)
60 to 130dB / 93 to 133dB (C or Z (Linear) Peak)
70 to 140dB / 103 to 143dB (C or Z (Linear) Peak)
Digital Display
LCD 0.01-9999%
Criterion Level
80, 84, 85, or 90dB
Exchange Rate
3, 4, 5 or 6 dB
Threshold Level
70 to 90 (1dB steps)
High Level Detector/Peak Flag
115dB, 130dB and 140dB
Response Rate
Fast or Slow
Measurement Duration
5, 10, 15, or 30 minutes
1, 2, 4, 8, 12, or 24 hours
Microphone
1/2 inch electret condenser with 31” cable
Battery Life
>35 hrs
Event Storage
20 surveys
USB Interface
yes
Real time clock/calendar
yes
Dimensions/Weight:
3.8 x 2 x 1.4” (97 x 51 x 35mm) 4.2oz. (120g) incl.batteries
Includes 0.5" microphone with clip, secure front cover,
convenient belt clip, and software


Similar Part No. - SL355

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL35 BILIN-SL35 Datasheet
539Kb / 4P
Schottky Barrier Rectifiers
Rev.B
logo
DAESAN ELECTRONIC CORP.
SL35 DAESAN-SL35 Datasheet
495Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522AMC MITEL-SL3522AMC Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
More results

Similar Description - SL355

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC821 FREESCALE-MPC821 Datasheet
975Kb / 12P
PowerPC Personal Syetems Microprocessor
logo
Extech Instruments Corp...
407355 EXTECH-407355 Datasheet
565Kb / 17P
Noise Dosimeter with PC Interface
407355-KIT-5 EXTECH-407355-KIT-5 Datasheet
233Kb / 1P
Personal Noise Dosimeter
logo
MERITEK ELECTRONICS COR...
CN MERITEK-CN Datasheet
210Kb / 1P
Personal Computer
CRA MERITEK-CRA Datasheet
281Kb / 1P
Personal Computer
logo
Abracon Corporation
APAMP-110 ABRACON-APAMP-110 Datasheet
2Mb / 3P
Personal Tracking
10.27.14
logo
Dialog Semiconductor
SLG46120 DIALOG-SLG46120 Datasheet
878Kb / 92P
Personal Computers and Servers
SLG46121 DIALOG-SLG46121 Datasheet
936Kb / 98P
Personal Computers and Servers
SLG46170 DIALOG-SLG46170 Datasheet
616Kb / 87P
Personal Computers and Servers
SLG46722 DIALOG-SLG46722 Datasheet
412Kb / 83P
Personal Computers and Servers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com