Electronic Components Datasheet Search
  English  ▼

X  

2SC4617XT1G Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # 2SC4617XT1G
Description  General Purpose Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

2SC4617XT1G Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  2SC4617XT1G Datasheet HTML 1Page - Bruckewell Technology LTD 2SC4617XT1G Datasheet HTML 2Page - Bruckewell Technology LTD 2SC4617XT1G Datasheet HTML 3Page - Bruckewell Technology LTD 2SC4617XT1G Datasheet HTML 4Page - Bruckewell Technology LTD 2SC4617XT1G Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC4617XT1G
General Purpose Transistors
NPN Silicon
Publication Order Number: [2SC4617XT1G]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
BVCBO
Collector-base breakdown voltage
IC = 50μA
60
V
BVCEO
Collector-emitter breakdown voltage
IC = 1 mA
50
V
BVEBO
Emitter-base breakdown voltage
IE = 50μA
7
V
ICBO
Collector cut-off current
VCB = 60 V
0.1
μA
IEBO
Emitter cut-off current
VEB = 7 V
0.1
μA
hFE
DC current gain
VCE = 6 V , IC = 1 mA
120
560
--
VCE(sat)
Collector-emitter saturation voltage
IC/IB = 50 mA / 5 mA
0.5
V
fT
Transition frequency
VCE = 12 V , IE = 2 mA
f = 30MHz
180
MHz
Cob
Collector output capacitance
VCB = 12 V , IE = 0 A
f = 1.0MHz
2.0
3.5
pF
hFE values are classified as follows:
Item
Q
R
S
hFE
120-170
180-390
270-560
ORDERING INFORMATION
Device
Marking
Shipping
2SC4617QT1G
BQ
3000 Tape & Reel
2SC4617QT3G
BQ
10000 Tape & Reel
2SC4617RT1G
BR
3000 Tape & Reel
2SC4617RT3G
BR
10000 Tape & Reel
2SC4617ST1G
BS
3000 Tape & Reel
2SC4617ST3G
BS
10000 Tape & Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com