Electronic Components Datasheet Search
  English  ▼

X  

5KP_A Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # 5KP_A
Description  5000W Peak Pulse Power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

5KP_A Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  5KP_A Datasheet HTML 1Page - Bruckewell Technology LTD 5KP_A Datasheet HTML 2Page - Bruckewell Technology LTD 5KP_A Datasheet HTML 3Page - Bruckewell Technology LTD 5KP_A Datasheet HTML 4Page - Bruckewell Technology LTD 5KP_A Datasheet HTML 5Page - Bruckewell Technology LTD 5KP_A Datasheet HTML 6Page - Bruckewell Technology LTD 5KP_A Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5KP_A
VRM : 5.0 - 180 Volts
PPK : 5000 Watts
Publication Order Number: [SZ303D - SZ30D0]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type
Breakdown Voltage @ IT
(Note 1)
Reverse
Stand off
Voltage
Maximum
Reverse
Leakage @
VRM
Maximum
Peak Pulse
Current
(Note2)
Maximum
Clamping
Voltage @
IPPM
Maximum
Temperature
Coefficient
of VBR
(%/°C)
VBR(V)
IT
VRM
IR
IPPM
VC
Min
Max
(mA)
(V)
(
μA)
(A)
(V)
5KP5.0
6.40
7.30
50
5.0
5000
520
9.60
0.057
5KP5.0A
6.40
7.00
50
5.0
5000
543
9.20
0.057
5KP6.0
6.67
8.15
50
6.0
5000
439
11.4
0.061
5KP6.0A
6.67
7.37
50
6.0
5000
485
10.3
0.061
5KP6.5
7.22
8.82
50
6.5
2000
407
12.3
0.065
5KP6.5A
7.22
7.98
50
6.5
2000
447
11.2
0.065
5KP7.0
7.78
9.51
50
7.0
1000
378
13.3
0.068
5KP7.0A
7.78
8.60
50
7.0
1000
417
12.0
0.068
5KP7.5
8.33
10.2
5.0
7.5
250
350
14.3
0.073
5KP7.5A
8.33
9.21
5.0
7.5
250
388
12.9
0.073
5KP8.0
8.89
10.9
5.0
8.0
150
333
15.0
0.075
5KP8.0A
8.89
9.83
5.0
8.0
150
367
13.6
0.075
5KP8.5
9.44
11.5
5.0
8.5
50
314
15.9
0.078
5KP8.5A
9.44
10.4
5.0
8.5
50
347
14.4
0.078
5KP9.0
10.0
12.2
5.0
9.0
20
295
16.9
0.081
5KP9.0A
10.0
11.1
5.0
9.0
20
325
15.4
0.081
5KP10
11.1
13.6
5.0
10
15
266
18.8
0.084
5KP10A
11.1
12.3
5.0
10
15
294
17.0
0.084
5KP11
12.2
14.9
5.0
11
10
249
20.1
0.086
5KP11A
12.2
13.5
5.0
11
10
274
18.2
0.086
5KP12
13.3
16.3
5.0
12
10
227
22.0
0.088
5KP12A
13.3
14.7
5.0
12
10
251
19.9
0.088
5KP13
14.4
17.6
5.0
13
10
210
23.8
0.090
5KP13A
14.4
15.9
5.0
13
10
232
21.5
0.090
5KP14
15.6
19.1
5.0
14
10
194
25.8
0.092
5KP14A
15.6
17.2
5.0
14
10
215
23.2
0.092
5KP15
16.7
20.4
5.0
15
10
188
26.9
0.094
5KP15
16.7
18.5
5.0
15
10
206
24.4
0.094
5KP16
17.8
21.8
5.0
16
10
176
28.8
0.096



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com