Electronic Components Datasheet Search
  English  ▼

X  

BW3402 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BW3402
Description  N-Channel Enhancement-Mode MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BW3402 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BW3402 Datasheet HTML 1Page - Bruckewell Technology LTD BW3402 Datasheet HTML 2Page - Bruckewell Technology LTD BW3402 Datasheet HTML 3Page - Bruckewell Technology LTD BW3402 Datasheet HTML 4Page - Bruckewell Technology LTD BW3402 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BW3402
N-Channel Enhancement-Mode
MOSFETs
Publication Order Number: [BW3402]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
BW3402
Unit
Drain-Source Voltage
BVDSS
30
V
Gate- Source Voltage
VGS
12
V
Drain Current (continuous)
ID
4.6
A
Drain Current (pulsed)
IDM
16
A
Thermal resistance,junction to ambient air
PD
1380
mW
Junction
TJ
150
°C
Storage Temperature
TSTG
-55 to +150
°C
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
Min
Typ.
Max.
Units
Drain-Source Breakdown Voltage (ID = 250uA,VGS = 0 V)
BVDSS
30
--
V
Gate Threshold Voltage (ID = 250uA,VGS = VDS)
VGS(th)
0.7
18
V
Diode Forward Voltage Drop (IS = 1 A,VGS = 0 V)
VSD
--
1
V
Zero Gate Voltage Drain Current
(VGS=0V, VDS= 24V)
(VGS=0V, VDS= 24V, TA=55°C)
IDSS
1
5
uA
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
Min
Typ.
Max.
Units
Gate Body Leakage (VGS =+12 V, VDS = 0 V)
IGSS
--
+/-100
nA
Static Drain-Source On-State Resistance
(ID = 4.6 A,VGS = 10 V)
RDS(ON)
--
30
mΩ
Static Drain-Source On-State Resistance
(ID = 4 A,VGS = 4.5 V)
--
50
mΩ
Static Drain-Source On-State Resistance
(ID = 1 A,VGS = 2.5 V)
100
pF
Input Capacitance (VGS = 0 V, VDS = 15 V,f = 1MHz)
CISS
954
--
pF
Output Capacitance (VGS = 0 V, VDS = 15 V,f = 1MHz)
COSS
115
--
pF
Turn-ON Time (VDS = 15 V, VGS = 10 V, RGEN = 6 Ω)
t(on)
6.3
--
ns
Turn-OFF Time (VDS = 15 V, VGS = 10 V, RGEN = 6 Ω)
t(off)
--
38.2
--
ns
Pulse Width<300μs; Duty Cycle<2.0%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com