Electronic Components Datasheet Search
  English  ▼

X  

MK2754STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2754STR
Description  Low Cost 54 MHz VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2754STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2754STR Datasheet HTML 1Page - Integrated Circuit Systems MK2754STR Datasheet HTML 2Page - Integrated Circuit Systems MK2754STR Datasheet HTML 3Page - Integrated Circuit Systems MK2754STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK2754
Low Cost 54 MHz VCXO
MDS 2754 B
1
Revision 011698
Printed 11/16/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
Block Diagram
Description
Features
The MK2754 is MicroClock’s lowest cost, low
jitter, high performance VCXO and PLL clock
synthesizer designed to replace expensive 54 MHz
VCXOs. The on-chip Voltage Controlled Crystal
Oscillator accepts a 0 to 3V input voltage to vary
the output clocks by ±100 ppm. Using
MicroClock’s patented VCXO and analog Phase-
Locked Loop (PLL) techniques, the device uses an
inexpensive external 13.5 MHz pullable crystal
input to produce a 54 MHz output clock.
MicroClock manufactures the largest variety of
Set-Top Box and multimedia clock synthesizers
for all applications. If more clock outputs are
needed, see the MK2731 or MK277x family of
parts. Consult MicroClock to eliminate VCXOs,
crystals and oscillators from your board.
• Packaged in 8 pin narrow SOIC
• Uses an inexpensive 13.500 MHz external crystal
• On-chip VCXO (patented) with pull range of
200ppm (minimum)
• VCXO tuning voltage of 0 to 3V
• 25mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 5V operating voltage
Voltage
Controlled
Crystal
Oscillator
PLL/Clock
Synthesis
Circuitry
13.5 MHz
pullable
crystal
X1
X2
VIN
Output
Buffer
54MHz


Similar Part No. - MK2754STR

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
MK27 STANDEX-MK27 Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
MK27-1A65B-1000W STANDEX-MK27-1A65B-1000W Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
MK27-1A65B-1500W STANDEX-MK27-1A65B-1500W Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
MK27-1A65B-2000W STANDEX-MK27-1A65B-2000W Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
MK27-1A65B-3000W STANDEX-MK27-1A65B-3000W Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
More results

Similar Description - MK2754STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
Low Cost 27 MHz VCXO
Revision 111600
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
7.0x5.0 VCXO 54 MHz
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com