Electronic Components Datasheet Search
  English  ▼

X  

ESMF05 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESMF05
Description  4-Line Transient Voltage Suppressor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESMF05 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESMF05 Datasheet HTML 1Page - Bruckewell Technology LTD ESMF05 Datasheet HTML 2Page - Bruckewell Technology LTD ESMF05 Datasheet HTML 3Page - Bruckewell Technology LTD ESMF05 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESMF05
4-Line Transient Voltage Suppressor Array
Publication Order Number: [ESMF05]
© Bruckewell Technology Corporation Rev. A -2014
Description
The Standard TVS are designed to low voltage,
integrated circuits from transients caused by electrostatic
discharge (ESD), electrical fast transients (EFT) and
other induced voltages.
Applications
• Computer Notebooks
• Communication Systems & Cellular Phones
• Printers
• Personal Digital Assistant(PDA)
• Video Equipment
Complies with the following standards
IEC61000-4-2
Level 4 15 kV (air discharge)
8 kV(contact discharge)
MIL STD 883E - Method 3015-7 Class 3
25 kV HBM (Human Body Model)
Features
•
100 W Peak Pulse Power per Line (tp=8/20μs)
• Monolithic Structure
• Available in 4 Voltage Types:5V to 24V
• Low Clamping Voltage
• ESD Protection > 40 kilovolts
• Low Leakage Current
• Protects up to Four (4) Bidirectional Lines and
• Five(5) Unidirectional Lines
• RoHS compliant package
Packing & Order Information
Shipping:3,000/Reel
SOT-353
MIN
MAX
MIN
MAX
A
1.900
2.150
0.074
0.084
B
1.150
1.350
0.045
0.055
C
0.800
1.000
0.031
0.040
D
0.150
0.300
0.005
0.012
E
F
G
0.800
1.100
0.031
0.043
J
0.080
0.250
0.003
0.010
K
2.000
2.400
0.078
0.095
L
-
0.100
-
0.004
M
0.260
0.460
0.010
0.018
0.65 BSC
1.30 BSC
0.65 BSC
1.30 BSC
DIM
MILLIMETERS
INCHES
OUTLINE DIMENSIONS
Graphic symbol


Similar Part No. - ESMF05

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
4-Line Transient Voltage Suppressor Array
More results

Similar Description - ESMF05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
SMS05C ONSEMI-SMS05C Datasheet
112Kb / 6P
5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05 Datasheet
326Kb / 3P
4-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05CT1G ONSEMI-SMS05CT1G Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05_12 Datasheet
391Kb / 4P
4-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SZSMS24CT1G ONSEMI-SZSMS24CT1G Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
Bruckewell Technology L...
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
4-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
NUP4104X6 ONSEMI-NUP4104X6 Datasheet
39Kb / 4P
4-Line Transient Voltage Suppressor Array
February, 2004 ??Rev. 2
SMS05C ONSEMI-SMS05C_11 Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
133Kb / 4P
5-Line Transient Voltage Suppressor Array
February, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com