Electronic Components Datasheet Search
  English  ▼

X  

ESR12 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESR12
Description  LOW CAPACITA NCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESR12 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESR12 Datasheet HTML 1Page - Bruckewell Technology LTD ESR12 Datasheet HTML 2Page - Bruckewell Technology LTD ESR12 Datasheet HTML 3Page - Bruckewell Technology LTD ESR12 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESR12
LOW CAPACITA NCE TVS ARRAY
Publication Order Number: [ESR12]
© Bruckewell Technology Corporation Rev. A -2014
Description
The ESR12 is a transient voltage suppressor designed to
protect components, which are connected to data and
transmission lines against ESD. It clamps the voltage
just above the logic level supply for positive transients
and to a diode drop below ground for negative transients.
Features
• 150 W Peak Pulse Power per Line (tp=8/20us)
• Low Clamping Voltage
• ESD Protection > 25 kilovolts
• Unidirectional Configuration
• Low Leakage Current
• PROTECTS 2 I/O PORTS & POWER
IEC compatibility
IEC61000-4-2(ESD): Air
– 15kV, Contact – 8kV
IEC61000-4-4(EFT): 40A
– 5/50ns
IEC61000-4-
5(Surge):24A,8/20μs Level
2(Line-Gnd)&level 3(Line-Line)
• RoHS Compliant package
Mechanical Data
• Molded JEDEC SOT-143 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature: Pure-Tin - Sn, 100:
260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
Applications
• Etchnet 10/100 base
• Wireless Communications
• Fire Wire
• USB Interface & data line protection
• T1/E1 secondary IC side protection
• Portable electronics
Packing & Order Information
3,000/Reel
Graphic symbol


Similar Part No. - ESR12

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10 Datasheet
106Kb / 7P
Endured surge thick film chip resistor
ESR10 ROHM-ESR10 Datasheet
75Kb / 5P
Anti-surge Chip Resistors
ESR10 ROHM-ESR10 Datasheet
136Kb / 5P
Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR10 ROHM-ESR10 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10 ROHM-ESR10 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
More results

Similar Description - ESR12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
498Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24C-LF-T7 ETC2-GBLC24C-LF-T7 Datasheet
622Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESDV05CL BWTECH-ESDV05CL Datasheet
946Kb / 3P
LOW CAPACITA NCE TVS ARRAY
ESD5Z5CL BWTECH-ESD5Z5CL Datasheet
1,014Kb / 3P
Ultra LOW CAPACITA NCE TVS ARRAY
ESD5Z5C BWTECH-ESD5Z5C Datasheet
981Kb / 3P
LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC03CLC-T7 PROTEC-GBLC03CLC-T7 Datasheet
518Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESR05L BWTECH-ESR05L Datasheet
489Kb / 4P
LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLCSC03 PROTEC-GBLCSC03_12 Datasheet
449Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Shanghai Leiditech Elec...
SP3051-04HTG LEIDITECH-SP3051-04HTG Datasheet
1Mb / 8P
LOW CAPACITA NCE TVS DIODE ARRAY
Rev : 01.06.2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com