Electronic Components Datasheet Search
  English  ▼

X  

MK3711D Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # MK3711D
Description  LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3711D Datasheet(HTML) 6 Page - Integrated Circuit Systems

  MK3711D Datasheet HTML 1Page - Integrated Circuit Systems MK3711D Datasheet HTML 2Page - Integrated Circuit Systems MK3711D Datasheet HTML 3Page - Integrated Circuit Systems MK3711D Datasheet HTML 4Page - Integrated Circuit Systems MK3711D Datasheet HTML 5Page - Integrated Circuit Systems MK3711D Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
MDS 3711 F
6
Revision 070301
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
MK3711
Package Outline and Package Dimensions (8 pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Note 1: MK3711D is recommended for new designs.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
(Note 1)
Marking
Shipping
packaging
Package
Temperature
MK3711D
MK3711D
Tubes
8 pin SOIC
0 to +70
° C
MK3711DTR
MK3711D
Tape and Reel
8 pin SOIC
0 to +70
° C
MK3711B
MK3711B
Tubes
8 pin SOIC
0 to +70
° C
MK3711BTR
MK3711B
Tape and Reel
8 pin SOIC
0 to +70
° C
MK3711A
MK3711A
Tubes
8 pin SOIC
0 to +70
° C
MK3711ATR
MK3711A
Tape and Reel
8 pin SOIC
0 to +70
° C
MK3711S
MK3711S
Tubes
8 pin SOIC
0 to +70
° C
MK3711STR
MK3711S
Tape and Reel
8 pin SOIC
0 to +70
° C
D
EH
c
h x 450
b
e
Q
A
Pin 1
Index
Area
Millimeters
Inches
Symbol
MinMax
MinMax
A
1.35
1.75
0.0532
0.0688
A1
1.10
0.25
0.0040
0.0098
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
0.1497
0.1574
e
1.27 Basic
0.050 Basic
H
5.80
6.20
0.2284
0.2440
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
a0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com