Electronic Components Datasheet Search
  English  ▼

X  

MK3713 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK3713
Description  Low Cost 3.3 Volt VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3713 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK3713 Datasheet HTML 1Page - Integrated Circuit Systems MK3713 Datasheet HTML 2Page - Integrated Circuit Systems MK3713 Datasheet HTML 3Page - Integrated Circuit Systems MK3713 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK3713
Low Cost 3.3 Volt VCXO
MDS 3713 B
3
Revision 020900
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA •95126• (408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
Operating Voltage, VDD
3.15
3.30
3.45
V
Output High Voltage, VOH
IOH=-12mA
2.4
V
Output Low Voltage, VOL
IOL=12mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Operating Supply Current, IDD
No Load
7
mA
Short Circuit Current
±50
mA
VIN, VCXO control voltage
0
3.3
V
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
Input Crystal Frequency
10
20
MHz
Input Crystal Accuracy
±30
ppm
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At VDD/2
40
50
60
%
Output Clock Pullability, note 2
0V
≤ VIN ≤ 3.3 V
±100
ppm
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. With a ICS/MicroClock approved pullable crystal.
External Components
The MK3713 requires a minimum number of external components for proper operation. A decoupling
capacitor of 0.01µF should be connected between VDD and GND on pins 2 and 4, as close to the
MK3713 as possible. A series termination resistor of 33
Ω may be used for the clock output. The input
crystal must be connected as close to the chip as possible. The input crystal should be a parallel mode,
pullable, AT cut, 13.5 MHz, with 14 pF load capacitance. Consult ICS for recommended suppliers.
IMPORTANT - read application note MAN05 before laying out the PCB.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com