Electronic Components Datasheet Search
  English  ▼

X  

MK3235-01STR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK3235-01STR
Description  Handheld System Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3235-01STR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK3235-01STR Datasheet HTML 1Page - Integrated Circuit Systems MK3235-01STR Datasheet HTML 2Page - Integrated Circuit Systems MK3235-01STR Datasheet HTML 3Page - Integrated Circuit Systems MK3235-01STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK3235
Handheld System Clock Synthesizer
MDS 3235 D
2
Revision 092397
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
Pin Assignment
Number
Name
Type
Description
1
X2
O
Crystal connection. Connect to 32.768 kHz crystal.
2
X1
I
Crystal connection. Connect to 32.768 kHz crystal.
3
VDD32
P
Separate power supply connection for 32.768kHz clock. Will operate to 2.0V.
4
VDD
P
Connect to +3.3V or +5V. Must be the same voltage as pin 14.
5
GND
P
Connect to ground.
6
COMMCLK
O
Serial communications (1.84 on -01 version, or 3.68MHz on -02 version) clock output.
7
32K
O
32.768 kHz square wave clock output.
8
PDCOMM
I
Power Down serial Communications and 14.3M clock outputs (stop low) when low.
9
GND
P
Connect to ground.
10
PD
I
Powers Down everything but 32kHz oscillator internally. 32kHz output buffer is off.
11
14.3M
O
14.318 MHz output clock.
12
GND
P
Connect to ground.
13
PD14
I
Power Down 14.318MHz clock output (stops low) when low.
14
VDD
P
Connect to +3.3V or +5V. Must be the same voltage as pin 4.
15
GND
P
Connect to ground.
16
GND
P
Connect to ground.
Pin Descriptions
Type: I = Input, O = output, P = power supply connection
Power Down status: Output clocks will stop in a low state when powered down
1
8
9
16
2
3
4
5
6
7
10
11
12
13
14
15
GND
PDCOMM
PD14
14.3M
PD
GND
VDD
GND
GND
32K
X2
GND
COMMCLK
VDD32
VDD
X1
External Components
The MK3235 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.1µF should be connected between VDD and GND, and VDD32 and GND, as close to the
MK3235 as possible. A series resistor should be used on the VDD32 supply. A series termination resistor of
33
Ω may be used for each clock output, except the 32.768 kHz. For tuning the real time clock output, use
a 32.768 kHz crystal with a load capacitance of 12.5pF, and connect a 20pF±5% (NPO dielectric)
capacitor between each crystal pin and ground. The 32.768 kHz crystal must be connected as close to the
chip as possible. Consult MicroClock for a recommended external circuit schematic.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com