Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7484 Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD7484
Description  Evaluation Board for 3 MSPS, 14-Bit SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7484 Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD7484 Datasheet HTML 3Page - Analog Devices EVAL-AD7484 Datasheet HTML 4Page - Analog Devices EVAL-AD7484 Datasheet HTML 5Page - Analog Devices EVAL-AD7484 Datasheet HTML 6Page - Analog Devices EVAL-AD7484 Datasheet HTML 7Page - Analog Devices EVAL-AD7484 Datasheet HTML 8Page - Analog Devices EVAL-AD7484 Datasheet HTML 9Page - Analog Devices EVAL-AD7484 Datasheet HTML 10Page - Analog Devices EVAL-AD7484 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
EVAL-AD7484
Rev. 0 | Page 7 of 20
SOCKETS
There are eight input sockets relevant to the operation of the
AD7484 on this evaluation board. The functions of these
sockets are outlined in Table 5.
Table 5. Socket Functions
Socket
Function
J2
Sub-miniature BNC socket for bipolar input signals
that are biased up by the on-board op amps into VIN.
J3
Sub-miniature BNC socket for unipolar input signals
that are connected directly to VIN.
J4
Sub-miniature BNC socket for an external reference.
J9
Sub-miniature BNC socket for an external CONVST
signal.
J10
Sub-miniature BNC socket for an external offset
voltage that is used to bias up the signal applied at J2.
J11
Sub-miniature BNC socket for an external CS signal.
J12
Sub-miniature BNC socket for an external RD signal.
J13
Sub-miniature BNC socket for an external WR signal.
CONNECTORS
There are five connectors on the AD7484 evaluation board,
outlined in Table 6.
Table 6. Connector Functions
Socket
Function
J1
96-way connector for parallel interface and power
supply connections.
J5
External VDRIVE connector.
J6
External AVDD and AGND connector.
J7
External DVDD and DGND connector.
J8
External +12 V, −12 V, and AGND power connector.
OPERATING WITH THE EVAL-CONTROL BRD2
The evaluation board can operate in standalone mode or in
conjunction with the EVAL-CONTROL BRD2, which is
available from Analog Devices. When operated with the EVAL-
CONTROL BRD2, all supplies and control signals required to
operate the AD7484 are provided by the EVAL-CONTROL
BRD2. Software to communicate with the control board and the
AD7484 is provided with the AD7484 evaluation board
package. The EVAL-CONTROL BRD2 also operates with all
Analog Devices evaluation boards whose part numbers end
with the letters CB.
The 96-way connector on the EVAL-AD7484 plugs directly into
the 96-way connector on the EVAL-CONTROL BRD2. The
EVAL-CONTROL BRD2 provides all supplies for the evaluation
board. It is powered from a 12 V ac transformer. Suitable
transformers are available from Analog Devices as accessories
under the following part numbers:
EVAL-110VAC-US: For use in the U.S. or Japan
EVAL-220VAC-UK: For use in the UK
EVAL-220VAC-EU: For use in Europe
These transformers are also available from other suppliers,
including Digi-key (US) and Campbell Collins (UK).
Connection between the EVAL-CONTROL BRD2 and the
parallel port of a PC is via a standard Centronics printer port
cable that is provided as part of the EVAL-CONTROL BRD2
package. See the manual that accompanies the EVAL-CONTROL
BRD2 for more details on the EVAL-CONTROL BRD2
package.
SETTING UP THE EVAL-CONTROL BRD2
The evaluation board software should be installed on the PC,
and the evaluation board and the EVAL-CONTROL BRD2
should be connected, before the EVAL-CONTROL BRD2 is
connected to the PC, as follows:
1.
Install the EVAL-AD7484 evaluation board software.
2.
Connect the evaluation board and the EVAL-CONTROL
BRD2 via the 96-way connector.
3.
Apply power to the EVAL-CONTROL BRD2. At this stage,
the red LED should also be flashing to indicate that the
EVAL-CONTROL BRD2 is functional and ready to receive
instructions.
4.
Load the installed software before connecting the printer
port cable to ensure that the printer port is initialized
correctly.
5.
Connect the printer port cable between the PC and the
EVAL-CONTROL BRD2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com