Electronic Components Datasheet Search
  English  ▼

X  

MK3720STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3720STR
Description  27 MHz and 54 MHz 3.3 Volt VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3720STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3720STR Datasheet HTML 1Page - Integrated Circuit Systems MK3720STR Datasheet HTML 2Page - Integrated Circuit Systems MK3720STR Datasheet HTML 3Page - Integrated Circuit Systems MK3720STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK3720
27 MHz and 54 MHz 3.3 Volt VCXO
MDS 3720 D
1
Revision 053100
Printed 11/16/00
Integrated Circuit Systems, Inc. •525 Race Street • San Jose • CA• 95126• (408)295-9800tel • www.icst.com
Block Diagram
Description
Features
The MK3720 is a low cost, low jitter, high
performance 3.3 Volt VCXO and PLL clock
synthesizer designed to replace expensive 13.5, 27,
or 54MHz VCXOs. The patented on-chip
Voltage Controlled Crystal Oscillator accepts a
0 to 3.3 V input voltage to cause the output clocks
to vary by ±100 ppm. Using our patented VCXO
and analog/digital Phase-Locked Loop (PLL)
techniques, the device uses an inexpensive external
13.5 MHz pullable crystal input to produce output
clocks of 13.5 MHz, 27 MHz, and 54 MHz .
The MK3720A is a drop-in replacement to the
earlier MK3720S.
• Packaged in 8 pin SOIC
• 3.3 V only operating voltage
• Output clocks of 54, 27, and 13.5MHz
• Uses an inexpensive 13.500 MHz external crystal
• On-chip patented VCXO with pull range
of 200ppm (minimum)
• VCXO tuning voltage of 0 to 3.3 V
• 12 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• The A version is the latest, manufactured in a smaller
geometry process. The MK3720A gives a wider pull
range than the MK3720S, and so is recommended
for all new designs, and cost reductions of existing
designs.
Voltage
Controlled
Crystal
Oscillator
PLL/Clock
Synthesis
Circuitry
13.5 MHz
pullable
crystal
X1
X2
VIN
Output
Buffer
54 MHz Clock
Output
Buffer
13.5 MHz Clock
Output
Buffer
27 MHz Clock


Similar Part No. - MK3720STR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
More results

Similar Description - MK3720STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2754 ICST-MK2754 Datasheet
57Kb / 4P
Low Cost 54 MHz VCXO
Revision 011698
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
logo
Pericom Semiconductor C...
PI6CX100-272 PERICOM-PI6CX100-272 Datasheet
235Kb / 4P
27 MHz 3.3V VCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
7.0x5.0 VCXO 54 MHz
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
7.0x5.0 VCXO 27 MHz
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com