Electronic Components Datasheet Search
  English  ▼

X  

MK712 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # MK712
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button MK712 Datasheet HTML 8Page - Integrated Circuit Systems MK712 Datasheet HTML 9Page - Integrated Circuit Systems MK712 Datasheet HTML 10Page - Integrated Circuit Systems MK712 Datasheet HTML 11Page - Integrated Circuit Systems MK712 Datasheet HTML 12Page - Integrated Circuit Systems MK712 Datasheet HTML 13Page - Integrated Circuit Systems MK712 Datasheet HTML 14Page - Integrated Circuit Systems MK712 Datasheet HTML 15Page - Integrated Circuit Systems MK712 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
16
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
b
D
E
H
e
Q
c
h x 45°
Package Outline and Package Dimensions
28 pin SOIC wide
Ordering Information
Part/Order Number
Marking
Package
Temperature
MK712S
MK712S
28 pin SOIC
0 to +70°C
MK712STR
MK712S
Add tape and reel
0 to +70°C
MK712SI
MK712SI
28 pin SOIC
-30 to +70°C
MK712SITR
MK712SI
Add tape and reel -30 to +70°C
MK712R
MK712R
28 pin SSOP
0 to +70°C
MK712RTR
MK712R
Add tape and reel
0 to +70°C
MK712RI
MK712RI
28 pin SSOP
-30 to +70°C
MK712RITR
MK712RI
Add tape and reel -30 to +70°C
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.092
0.104
2.3368
2.6416
b
0.014
0.019
0.356
0.483
c
0.009
0.012
0.229
0.305
D
0.696
0.712
17.678
18.085
E
0.290
0.300
7.366
7.620
H
0.394
0.419
10.008
10.643
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.016
0.406
Q
0.003
0.011
0.076
0.279
A
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring special processing, high reliability, or other extraordinary environmental
requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or
warrant any ICS product for use in life support devices or critical medical instruments.
©1995 ICS/MicroClock
28 pin SSOP (QSOP)
Millimeters
Millimeters
Symbol
Min
Max
A
1.55
1.73
b
0.203
0.305
c
0.190
0.254
D
9.780
10.160
E
3.810
4.064
H
5.840
6.223
e
0.635 BSC
0.635 BSC
h
0.410
Q
0.127
0.254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com