Electronic Components Datasheet Search
  English  ▼

X  

MK712STR Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # MK712STR
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712STR Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button MK712STR Datasheet HTML 3Page - Integrated Circuit Systems MK712STR Datasheet HTML 4Page - Integrated Circuit Systems MK712STR Datasheet HTML 5Page - Integrated Circuit Systems MK712STR Datasheet HTML 6Page - Integrated Circuit Systems MK712STR Datasheet HTML 7Page - Integrated Circuit Systems MK712STR Datasheet HTML 8Page - Integrated Circuit Systems MK712STR Datasheet HTML 9Page - Integrated Circuit Systems MK712STR Datasheet HTML 10Page - Integrated Circuit Systems MK712STR Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
7
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
Resistive Touch Screen (4 Wire)
Resistive touch screens consist of 2 resistive plates that are separated by a small gap. Each plate has an
electrode at each end and when the screen is touched, the two plates are shorted together at that point.
Y PLATE
X PLATE
Electrode
XH
YL
XL
YH
If a voltage is applied, for example, between XL and XH, then a voltage divider is formed on the X
PLATE. When the Y PLATE is touched to the X PLATE, a voltage will be developed on the Y PLATE
that is proportional to distance of the touch from XL and XH. By accurately measuring this voltage, the
position of the touch can be determined.
Power Down/Stopping the Clock
If the screen is untouched, the supply current is under 3µA. If the input clock is stopped, the supply
current is also less than 3µA. When the screen is touched with no clock, TOUCH goes low and INT
goes high, but no further operations occur until the clock starts. A to D conversions are invalid until
after the clock has stabilized at the correct frequency and one full conversion cycle has been
completed.
Input Clock
The MK712 is highly tolerant of different clock frequencies (from 12 to 20 MHz), rise times, and
duty cycles. However, any input clock undershoot or overshoot will cause the MK712 to draw extra
current. This can be eliminated by using a MicroClock clock synthesizer and properly terminating
the clock driver. MicroClock makes low power clock synthesizers with 14.3 MHz power down.
Optimizing Performance when Reading and Writing Registers
Reading and writing the MK712 generates digital noise that may reduce the accuracy of the A to D
converter. This noise has several causes, including board layout, data bus loading, and power supply
voltage. By appropriately timing the register operations, the effects of this noise can be minimized.
After an interrupt is issued, the MK712 allows a minimum of 1 millisecond to elapse before
initiating the conversion cycle. This allows the screen drivers to settle. For best performance,
complete all register operations within this 1ms window after an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com