Electronic Components Datasheet Search
  English  ▼

X  

LCR200 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # LCR200
Description  Passive Component LCR Meter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

LCR200 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  LCR200 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
8/28/12 - R1
Measures Inductance, Capacitance, and Resistance
With secondary parameter Q (Quality), D (Dissipation), R (Resistance),
θ (Phase), ESR (Equivalent Series Resistance)
Passive Component LCR Meter
Ordering Information:
LCR200 ........Passive Component LCR Meter
Accessories
LCR203 ........SMD Tweezer for Model LCR200
LCR205 ........SMD Component Fixture For Model LCR200
CA900 ..........Large soft carrying case fits meter and accessories
Features:
• Simultaneous 20,000/2,000 count backlit display of the primary
parameter (L, C or R) with the secondary parameter of
Q (quality), D (dissipation) R (resistance),
θ(phase), or
ESR (equivalent series resistance)
• Auto Select measurement function with 1kHz
default test frequency
• Five test frequencies
• Set Hi/Lo limits using absolute values or percentage limits
• Relative mode function
• Parallel or Series equivalent circuit
• Auto power off with disable
• Low battery and overrange indicators
• Built-in test fixture or use external test leads
• Open and Short calibration removes unwanted
stray impedances from the measurement
• Complete with test leads and 9V battery
• Optional SMD Tweezer (LCR203), plug-in SMD Component
Fixture (LCR205), and pouch case (CA900)
LCR203 SMD Tweezer
Specifications
Ranges
Basic Accuracy
Inductance
20μH, 200μH, 2000.0μH, 20.0000mH, 200.00mH
±(0.5%rdg + 5 digits)
2000.0H, 20.000H, 200.00H, 2000.0H
(DF<0.1)
Capacitance
20pF, 200pF, 2000pF, 20.000nF, 200.00nF, 2000.0nF
±(0.5%rdg + 5 digits)
20.000μF, 200.00μF, 2.0000mF, 20.00mF
(DF<0.1)
Resistance
20.00Ω, 200.00Ω, 2.0000kΩ, 20.000kΩ,
±(0.5%rdg + 5 digits)
200.00kΩ, 2.0000MΩ, 20.000MΩ, 200.0MΩ
DF (with C)
0.000 to 999
Q
0.000 to 999
Phase
±90°
Test Frequency
100Hz/120Hz/1kHz/10kHz/100kHz
Dimensions
7.6 x 3.5 x 1.6” (193 x 88 x 41mm)
Weight
14.8oz (420g)
LCR205 SMD Component Fixture


Similar Part No. - LCR200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCR2400 ETC2-LCR2400 Datasheet
485Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
logo
Tripp Lite. All Rights ...
LCR2400 TRIPPLITE-LCR2400 Datasheet
423Kb / 3P
2400W 120V 3U Rack-Mount Power Conditioner
logo
Apex Electronics Co., L...
LCR2KDET0B APEX-ELECTRONICS-LCR2KDET0B Datasheet
681Kb / 2P
Round pushbutton switch, optional lamp, UL, VDE certified
LCR2KDET0F APEX-ELECTRONICS-LCR2KDET0F Datasheet
681Kb / 2P
Round pushbutton switch, optional lamp, UL, VDE certified
LCR2KDET1B APEX-ELECTRONICS-LCR2KDET1B Datasheet
681Kb / 2P
Round pushbutton switch, optional lamp, UL, VDE certified
More results

Similar Description - LCR200

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380193 EXTECH-380193 Datasheet
196Kb / 1P
Passive Component LCR Meter
380193 EXTECH-380193_15 Datasheet
871Kb / 1P
Passive Component LCR Meter
logo
Keysight Technologies
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-002 KEYSIGHT-4285A-002 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
Precision LCR Meter
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
Precision LCR Meter
E4980A-301 KEYSIGHT-E4980A-301 Datasheet
1Mb / 38P
Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
Precision LCR Meter
logo
ASM GmbH
IM3536 ASM-SENSOR-IM3536 Datasheet
1Mb / 16P
LCR METER
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
Precision LCR Meter
February 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com