Electronic Components Datasheet Search
  English  ▼

X  

MK712RI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK712RI
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712RI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK712RI Datasheet HTML 1Page - Integrated Circuit Systems MK712RI Datasheet HTML 2Page - Integrated Circuit Systems MK712RI Datasheet HTML 3Page - Integrated Circuit Systems MK712RI Datasheet HTML 4Page - Integrated Circuit Systems MK712RI Datasheet HTML 5Page - Integrated Circuit Systems MK712RI Datasheet HTML 6Page - Integrated Circuit Systems MK712RI Datasheet HTML 7Page - Integrated Circuit Systems MK712RI Datasheet HTML 8Page - Integrated Circuit Systems MK712RI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
1
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
Pin Assignment
The MK712 Touch Screen Controller IC provides
all the screen drive, A to D converter and control
circuits to easily interface to 4-wire analog resistive
touch screens.
The IC continually monitors the screen waiting
for a touch. In this mode, the supply current is
typically 0.5µA. When the screen is touched, the
IC performs analog to digital conversions to
determine the location of the touch, stores the X
and Y locations in the registers, and issues an
interrupt. This process is repeated up to 197 times
per second until no further screen touches are
detected, at which time the low current mode is
resumed.
Block Diagram
Description
Features
XH
XL
• Fully integrated, lowest power solution
• Low standby current of 0.5µA (typical) at 5.0V
• Active current while converting less than 10 mA
• Resolves 350 dots/inch on 10.5” display
• Maximum speed of 197 points/second
• Ratiometric conversion may eliminate screen
calibration
• Automatically wakes up and goes back to standby
• 3.3V or 5V supply
• 12 bit A/D converter
• Simplifies the writing of software for touch screens
• Extended temperature range available
• Capacitors are the only external components
required
• Touch screen is directly driven - no external
transistors are required
• Programmable conversion rate
• A to D Converter is monotonic
• Parallel interface
• See the MK715 for a serial interface
YH
YL
(14.318 MHz)
12 Bit A/D,
Screen Driver
and
Controller
D0-D7
A0-A2
CS
STATUS LOW
STATUS HIGH
X-LOW
X-HIGH
CONTROL
0
1
2
3
4
INT
TOUCH
CLKIN
YH
INT
XH
XL
VDD
VDD
TOUCH
YL
GND
CS
NC
GND
D0
GND
D1
D5
VDD
D3
D4
D2
D6
D7
A2
A0
A1
CLKIN
REGISTERS
RD
Y-LOW
Y-HIGH
RATE
5
6
7
WR
RD
WR
1
14
2
3
4
5
6
7
8
9
10
11
12
13
28
15
27
26
25
24
23
22
21
20
19
18
17
16
8
3


Similar Part No. - MK712RI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712RI IDT-MK712RI Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
MK712RITR IDT-MK712RITR Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
More results

Similar Description - MK712RI

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com