Electronic Components Datasheet Search
  English  ▼

X  

MD10 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MD10
Description  Non-contact Magnet Detector Flashlight
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MD10 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MD10 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
MD10 Non-contact Magnet
Detector + Flashlight
Blue LED lights up indicating the presence of a magnetic field including
AC, DC and permanent magnets without contact. The convenient built-
in bright flashlight allows for viewing in dimly lit areas.
Applications:
- Test audio speakers
- Troubleshoot solenoid valves in pneumatic and hydraulic control equipment
- Test relays with coils and electrically controlled solenoid valves in vehicles and machinery
Features
•
Detects the presence of magnetic field without contact
(AC, DC, and permanent magnets)
•
Blue LED lights up for visual magnetic field indication
•
Magnetic field detection range: 63H, 98H, 401H, 810H
•
Low battery indicator
•
Built-in bright flashlight with On/Off button
•
Compact size with pocket clip
•
Dimensions: 6.25 x 0.8x 1” (159 x 21 x 25mm);
Weight: 1.7oz (48g)
•
Complete with two AAA batteries
Ordering
MD10 ................ Magnet Detector
www.extech.com
Specifications subject to change without notice. Copyright © 2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 11/13//13


Similar Part No. - MD10

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MD10 GULFSEMI-MD10 Datasheet
114Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:0.8A
logo
Shanghai Shunye Electro...
MD100A08 SHUNYE-MD100A08 Datasheet
1Mb / 3P
RECTIFIER MODULE
MD100A08 SHUNYE-MD100A08 Datasheet
1,006Kb / 3P
RECTIFIER MODULE
logo
Jiangsu APT Semiconduct...
MD100A08D1 APTSEMI-MD100A08D1 Datasheet
89Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
Glass passivated chip
More results

Similar Description - MD10

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DV20 EXTECH-DV20 Datasheet
40Kb / 1P
Non-Contact Voltage Detector and Flashlight
DV24 EXTECH-DV24 Datasheet
52Kb / 1P
Non-Contact Voltage Detector and Flashlight
DV25 EXTECH-DV25 Datasheet
49Kb / 1P
Dual Range AC Voltage Detector Flashlight
logo
Pomona Electronics
7290 POMONA-7290 Datasheet
94Kb / 1P
LumaVolt, Non Contact AC Voltage Detector
logo
Extech Instruments Corp...
DA30 EXTECH-DA30_15 Datasheet
651Kb / 1P
Non-Contact Current Detector
DV20 EXTECH-DV20_15 Datasheet
218Kb / 1P
AC Voltage Detector/Flashlight
DV24 EXTECH-DV24_15 Datasheet
215Kb / 1P
NCV Voltage Detector Flashlight
DV25 EXTECH-DV25_15 Datasheet
194Kb / 1P
CAT IV AC Voltage Detector Flashlight
DV26 EXTECH-DV26 Datasheet
529Kb / 1P
CAT IV Non-contact Voltage Detector Flashlight
DVA30 EXTECH-DVA30_15 Datasheet
168Kb / 1P
Non-Contact AC Voltage and Current Detector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com