Electronic Components Datasheet Search
  English  ▼

X  

KBJ60 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # KBJ60
Description  SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

KBJ60 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  KBJ60 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . KBJ60 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 3.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
KBJ601 KBJ602 KBJ603 KBJ604 KBJ605 KBJ606 KBJ607
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
150
5.0
3.4
500
-55
+150
-55
+150
V
A
A
V
KBJ601 THRU KBJ607
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
6.0 Amperes
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
C/W
Typical Thermal Resistance R JC (Note 2)
Maximum Average Forward (with heatsink Note 1)
Rectified Current at Tc=100 C (Without heatsink)
2.8
6.0
FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Mounting position: Any
* Low leakage current
Dimensions in inches and (millimeters)
KBJ
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.150(3.8)
.134(3.4)
.189(4.8)
.173(4.4)
.134(3.4)
.122(3.1)
.043(1.1)
.035(0.9)
.083(2.1)
.067(1.7)
.995(25.3)
.983(24.7)
.114(2.9)
.098(2.5)
.031(0.8)
.023(0.6)
SPACING
~
~
A
A
282
55
Typical Junction Capacitance (Note 3)
PF
NOTES
1. Device mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
2. Thermal Resistance from Junction to Case with device mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
3. Measured at 1MHz and applied Reverse Voltage of 4.0V D.C.


Similar Part No. - KBJ60

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
KBJ600 FCI-KBJ600 Datasheet
145Kb / 2P
6.0 Amps Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
Zibo Seno Electronic En...
KBJ60010 ZSELEC-KBJ60010 Datasheet
111Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
RFE international
KBJ6005 RFE-KBJ6005 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ6005 LUGUANG-KBJ6005 Datasheet
142Kb / 2P
Silicon Bridge Rectifiers
logo
Suntan Capacitors
KBJ6005 SUNTAN-KBJ6005 Datasheet
368Kb / 2P
Ideal for printed circuit board
More results

Similar Description - KBJ60

ManufacturerPart #DatasheetDescription
logo
Bytes
BR605 BYTES-BR605 Datasheet
145Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 BYTES-RS601 Datasheet
148Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR605 UNIOHM-BR605 Datasheet
60Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
GBJ601 UNIOHM-GBJ601 Datasheet
66Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
KBJ601 UNIOHM-KBJ601 Datasheet
66Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 UNIOHM-RS601 Datasheet
65Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU601 GWSEMI-KBU601 Datasheet
65Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR605 DGNJDZ-BR605 Datasheet
153Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
2016/12/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com