Electronic Components Datasheet Search
  English  ▼

X  

B5819WS Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # B5819WS
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

B5819WS Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  B5819WS Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED B5819WS Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
SCHOTTKY BARRIER DIODE
FEATURES
or use in low voltage, high frequency inverters
Free wheeling, and polarity protection applications.
MARKING
B5817WS: SJ
B5818WS:SK
B5819WS: SL
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Paramete
r
Symbol
B5817WS
B5818WS
B5819WS
Unit
Non-Repetitive Peak reverse voltage
VRM
20
30
40
V
Peak repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Output Current
IO
1
A
Peak forward surge current @=8.3ms
IFSM
9
A
Repetitive Peak Forward Current
IFR
M
1.5
A
Power Dissipation
Pd
250
mW
ThermalResistanc
Junction to Ambient
RθJA
500
/W
Storage temperature
TSTG
-65~+150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 1mA
20
30
40
V
Reverse voltage leakage current
IR
VR=20V
B5817WS
VR=30V
B5818WS
VR=40V
B5819WS
1
mA
Forward voltage
VF
B5817WS
IF=1A
IF=3A
0.45
0.75
V
B5818WS
IF=1A
IF=3A
0.55
0.875
V
B5819WS
IF=1A
IF=3A
0.6
0.9
V
Diode capacitance
C
D
VR=4V, f=1MHz
120
pF
B5817WS
B5818WS
B5819WS
SOD-323
-
+
B5817WS/B5818WS/B5819WS
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - B5819WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5819WS JIANGSU-B5819WS Datasheet
126Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5819WS WEITRON-B5819WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
B5819WS BILIN-B5819WS Datasheet
244Kb / 4P
Schottky Barrier Diode
logo
Shenzhen Ping Sheng Ele...
B5819WS PFS-B5819WS Datasheet
1Mb / 2P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5819WS MCC-B5819WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results

Similar Description - B5819WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com