Electronic Components Datasheet Search
  English  ▼

X  

ADP1073 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1073
Description  Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1073 Datasheet(HTML) 2 Page - Analog Devices

  ADP1073 Datasheet HTML 1Page - Analog Devices ADP1073 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacture unless otherwise agreed to in writing.
2
PRELIMINAR
Y
TECHNICAL
DA
TA
ADP1073–SPECIFICATIONS
ADP1073
Model
Conditions
1
VS
Min
Typ
Max
Units
QUIESCENT CURRENT*
Switch Off
IQ
95
130
µA
QUIESCENT CURRENT, STEP-UP
No Load, ADP1073-5
IQ
135
µA
MODE CONFIGURATION
ADP1073-12
250
INPUT VOLTAGE*
Step-Up Mode
VIN
1.15
12.6
V
1.0
12.6
V
Step-Down Mode
30
V
COMPARATOR TRIP POINT
ADP1073
1
202
212
222
mV
VOLTAGE*
OUTPUT SENSE VOLTAGE*
ADP1073-5
2
VOUT
4.75
5.00
5.25
V
ADP1073-122
11.4
12.00
12.6
V
COMPARATOR HYSTERESIS*
ADP1073
5
10
mV
OUTPUT HYSTERESIS*
ADP1073-5
125
250
mV
ADP1073-12
300
600
mV
OSCILLATOR FREQUENCY*
fOSC
15
19
23
kHz
DUTY CYCLE*
Full Load (VFB < VREF)DC
65
72
80
%
SWITCH ON TIME*
tON
30
38
50
µs
FEEDBACK PIN BIAS CURRENT*
ADP1073 VFB = 0 V
IFB
10
50
nA
SET PIN BIAS CURRENT*
VSET = VREF
ISET
60
120
nA
AO OUTPUT LOW*
IAO = 100
µAV
AO
0.15
0.4
V
REFERENCE LINE REGULATION*
1.0 V
≤ V
IN ≤ 1.5 V
0.35
1.0
%/V
1.5 V
≤ V
IN
≤ 12 V
0.05
0.1
%/V
SWITCH SATURATION VOLTAGE*
VIN = 1.5 V, ISW = 400 mA
VCESAT
300
400
mV
STEP-UP MODE
600
mV
VIN = 1.5 V, ISW = 500 mA
400
550
mV
750
mV
VIN = 5 V, ISW = 1 A
700
1000
mV
1500
mV
A2 ERROR AMP GAIN*
RL = 100 k
Ω3
AV
400
1000
V/V
REVERSE BATTERY CURRENT
(Note 4)
IREV
750
mA
CURRENT LIMIT
220
Ω Between I
LIM and VIN
400
mA
CURRENT LIMIT TEMPERATURE
–0.3
%/
°C
COEFFICIENT
SWITCH OFF LEAKAGE CURRENT
Measured at SW1 Pin
ILEAK
110
µA
MAXIMUM EXCURSION BELOW GND
ISW1
≤ 10 µA, Switch Off
VSW2
–400
–350
mV
NOTES
*Denotes the specifications that apply over the full operating temperature range.
1This specification guarantees that both the high and low trip point of the comparator fall within the 210 mV to 230 mV range.
2This specification guarantees that the output voltage of the fixed versions will always fall within the specified range. The waveform at the sense pin will exhibit a
sawtooth shape due to the comparator hysteresis.
3100 k
Ω resistor connected between a 5 V source and the AO pin.
4The ADP1110 is guaranteed to withstand continuous application of +1.6 V applied to the GND and SW2 pins while V
IN, ILIM, and SW1 pins are grounded.
Specifications subject to change without notice.
(@ TA = +25 C, VIN = 1.5 V, unless otherwise noted)
REV. 0
OBSOLETE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com