Electronic Components Datasheet Search
  English  ▼

X  

SSM2120 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2120
Description  DYNAMIC RANGE PROCESSOR DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices SSM2120 Datasheet HTML 10Page - Analog Devices SSM2120 Datasheet HTML 11Page - Analog Devices SSM2120 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Precision Monolithics Inc. reserves the right to make changes leading to improved performance, reliability or manufacturability. Although every effort is made to ensure accuracy of the information
contained on this data sheet, PMI assumes no responsibility for circuitry unless entirely contained within a PMI product. The premium performance of this product is achieved through an advanced
processing technology. All PMI products are guaranteed to meet or exceed published specifications. © PMI 1990
5/90, Rev. B1
0590 0299G7M PRINTED IN USA
Precision Monolithics Inc.
A Bourns Company
1500 Space Park Dr.
Santa Clara, CA
TWX 310-371-9541
TEL 800 843-1515
P.O. Box 58020
95052-8020
FAX 408 727-1550
®
®
FADER AUTOMATION
The SSM-2120 can be used in fader automation systems to serve
two channels. The inverting control port is connected through
an attenuator to the VCA control voltage source. The noninverting
control port is connected to a control circuit (such as Figure 6)
which senses the input signal level to the VCA. Above the thresh-
old voltage, which can be set quite low (for example –60dBV),
the VCA operates at its programmed gain. Below this threshold
the VCA will downward expand at a rate determined by the +V
C
control port attenuator. By keeping the release time constant in
the 10 to 25ms range, the modulation of the VCA standing noise
floor (–80dB at unity-gain), can be kept inaudibly low.
The SSM-2300 8-channel multiplexed sample-and-hold IC
makes an excellent controller for VCAs in automation systems.
Figure 16 shows the basic connection for the SSM-2122 operat-
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
FIGURE 16:
SSM-2122 Basic Connection (Control Ports at 0V)
ing as a unity-gain VCA with its noninverting control ports
grounded and access to the inverting control ports. This is typi-
cal for fader automation applications. Since this device is a pin-
out option of the SSM-2120, the VCAs will behave exactly as
described earlier in the VCA section.
The SSM-2122 can also be used with two or more op amps to
implement complex voltage-controlled filter functions. Biquad and
state-variable two-pole filters offering lowpass, bandpass and
highpass outputs can be realized. Higher order filters can also
be formed by connecting two or more such stages in series.
1
2
3
413
14
15
16
512
611
7
89
200
Ω
0.1
µF
10
+15V
+
–
36k
Ω
10pF
SIG
OUT 1
1/2
TL082
V+
V–
50k
Ω*
220k
Ω
150k
Ω
–VC1
SIN
IN 1
36k
Ω
V+
0.1
µF
+
–
36k
Ω
10pF
SIG
OUT 2
200
Ω
V+
V–
50k
Ω*
220k
Ω
200
Ω
1/2
TL082
–VC2
SIG
IN 2
36k
Ω
SSM-2122
–15V
200
Ω
* OPTIONAL CONTROL FEEDTHROUGH TRIM
2000pF
47
Ω
2000pF
47
Ω
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com