Electronic Components Datasheet Search
  English  ▼

X  

IDT29FCT520CSOB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT29FCT520CSOB
Description  MULTILEVEL PIPELINE REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT29FCT520CSOB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT29FCT520CSOB Datasheet HTML 1Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 2Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 3Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 4Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 5Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 6Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 7Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1992 Integrated Device Technology, Inc.
7.2
DSC-4608/2
FEATURES:
• Equivalent to AMD’s Am29520 bipolar Multilevel Pipeline
Register in pinout/function, speed and output drive over
full temperature and voltage supply extremes
• Four 8-bit high-speed registers
• Dual two-level or single four-level push-only stack
operation
• All registers available at multiplexed output
• Hold, transfer and load instructions
• Provides temporary address or data storage
•IOL = 48mA (commercial), 32mA (military)
• CMOS power levels (1mW typ. static)
• Substantially lower input current levels than AMD’s
bipolar (5
µA typ.)
• TTL input and output level compatible
• CMOS output level compatible
• Manufactured using advanced CMOS processing
• Available in 300 mil plastic and hermetic DIP, as well as
LCC, SOIC and CERPACK
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT29FCT520A/B/C contains four 8-bit positive edge-
triggered registers. These may be operated as a dual 2-level
or as a single 4-level pipeline. A single 8-bit input is provided
and any of the four registers is available at the 8-bit, 3-state
output.
In the IDT29FCT520A/B/C when data is entered into the
first level (I = 2 or I = 1), the existing data in the first level is
moved to the second level. Transfer of data to the second
level is achieved using the 4-level shift instruction (I = 0). This
transfer also causes the first level to change.
FUNCTIONAL BLOCK DIAGRAMS
2620 drw 01
REGISTER
CONTROL
2
1
I ,I1
0
CLK
OCTAL REG. A1
OCTAL REG. A2
OCTAL REG. B1
OCTAL REG. B2
MUX
MUX
2
S ,S1
0
8
Y -Y7
0
OE
8
D -D7
0
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
®
IDT29FCT520A
IDT29FCT520B
IDT29FCT520C
MULTILEVEL
PIPELINE REGISTER
1


Similar Part No. - IDT29FCT520CSOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT520CT IDT-IDT29FCT520CT Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
More results

Similar Description - IDT29FCT520CSOB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT520T TI-CY29FCT520T Datasheet
264Kb / 13P
Multi-Level Pipeline Register
logo
Integrated Device Techn...
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
Multilevel Pipeline Registers
May 1999
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
4 x 8-bit Multilevel Pipeline Register
L29C525 LODEV-L29C525 Datasheet
172Kb / 6P
Dual Pipeline Register
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
4 x 16-bit Multilevel Pipeline Register
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
Multilevel Pipeline Registers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com