Electronic Components Datasheet Search
  English  ▼

X  

MS23N22 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS23N22
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS23N22 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS23N22 Datasheet HTML 1Page - Bruckewell Technology LTD MS23N22 Datasheet HTML 2Page - Bruckewell Technology LTD MS23N22 Datasheet HTML 3Page - Bruckewell Technology LTD MS23N22 Datasheet HTML 4Page - Bruckewell Technology LTD MS23N22 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS23N22
P-Channel 30-V (D-S) MOSFET
Publication Order Number: [MS23N22]
© Bruckewell Technology Corporation Rev. A -2014
Thermal Resistance Ratings
Symbol
Parameter
Maximum
Units
RTHJA
Maximum Junction-to-Ambient C/W
a (t <= 5 sec)
150
°C/W
Maximum Junction-to-Ambient C/W
a (Steady-State)
200
Notes:
a.
Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Static
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250μA
1.0
1.5
3
V
IGSS
Gate-Body Leakage
VDS =0 V , VGS = 8 V
4
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V , VGS = 0 V
VDS = 20 V , VGS = 0 V , TJ= 55°C
7
1
10
uA
ID(on)
On-State Drain Current
A
VDS = 5 V, VGS = 4.5 V
6
A
IDS(on)
Drain-Source On-Resistance
A
VGS = 10 V, ID = 2.5 A
VGS = 4.5 V, ID = 1.7 A
62
102
85
125
m
Ω
gfs
Forward Tranconductance
A
VDS = 5 V, ID = 3.0 A
3.5
S
VSD
Diode Forward Voltage
IS = 0.46 V, VGS = 0 V
0.65
V
Dynamic
b
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
VDS = 10 V , ID = 2.5 A,
VGS = 4.5 V
--
3.5
7
nC
Qgs
Gate-Source Charge
--
0.8
2
nC
Qgd
Gate-Drain Charge
--
1.0
2
nC
CISS
Input Capacitance
VDS = 15 V , VGS = 0 V
f = 1MHz
--
720
1500
nC
COSS
Output Capacitance
--
165
400
nC
CRSS
Reverse Transfer Capacitance
--
60
200
nC
td(on)
Turn-On Delay Time
VDD = 10 V , IL = 1 A,
VGEN = 4.5 V , RG =6 Ω
--
10
20
ns
tr
Rise Time
--
13
30
ns
td(off)
Turn-Off Delay Time
--
14
30
ns
tf
Fall Time
--
4
20
ns
Notes:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com