Electronic Components Datasheet Search
  English  ▼

X  

MS48P25 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS48P25
Description  P-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS48P25 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS48P25 Datasheet HTML 1Page - Bruckewell Technology LTD MS48P25 Datasheet HTML 2Page - Bruckewell Technology LTD MS48P25 Datasheet HTML 3Page - Bruckewell Technology LTD MS48P25 Datasheet HTML 4Page - Bruckewell Technology LTD MS48P25 Datasheet HTML 5Page - Bruckewell Technology LTD MS48P25 Datasheet HTML 6Page - Bruckewell Technology LTD MS48P25 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MS48P25
P-Channel 30-V (D-S) MOSFET
Publication Order Number: [MS48P25]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±25
V
ID
Continuous Drain Current
a (T
A =25°C)
-11.5
A
Continuous Drain Current
a (T
A =70°C)
-9.3
A
IDM
Pulsed Drain Current
b
-50
A
IS
Continuous Source Current (Diode Conduction)
a
±4.3
A
PD
Power Dissipation
a (T
A =25°C)
3.1
W
Power Dissipation
a (T
A =70°C)
2.2
W
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +150
°C
Thermal characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Maximum
Units
RθJA
Maximum Junction-to-Ambient C/W
a (t <= 10 sec)
40
°C/W
Maximum Junction-to-Ambient C/W
a (Steady-State)
80
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Static
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
Gate-Source Threshold Voltage
VDS = VGS, ID = -250μA
-1.0
V
IGSS
Gate-Body Leakage
VDS = 0 V , VGS = ±25 V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = -24 V , VGS = 0 V
VDS = -24 V , VGS = 0 V , TJ= 55°C
-1
-25
uA
ID(on)
On-State Drain Current
VDS = 5 V, VGs = 10 V
-5.75
A
IDS(on)
Drain-Source On-Resistance
VDS = 10 V, ID = -9.2 A
VDS = -4.5 V, ID = -7.5 A
13
19
m
Ω
gfs
Forward Tranconductance
VGS = -15 V, ID = -9.2 A
40
S
VSD
Diode Forward Voltage
IS = -2.2 A , VGS = 0 V
-0.7
V
Dynamic
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
VDS = -15 V , ID = -9.2 A,
VGS = -4.5 V
--
42
--
nC
Qgs
Gate-Source Charge
--
13
--
nC
Qgd
Gate-Drain Charge
--
20
--
nC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com