Electronic Components Datasheet Search
  English  ▼

X  

MS60P02NE Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS60P02NE
Description  P-Channel 60-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS60P02NE Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS60P02NE Datasheet HTML 1Page - Bruckewell Technology LTD MS60P02NE Datasheet HTML 2Page - Bruckewell Technology LTD MS60P02NE Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary MS60P02NE
P-Channel 60-V (D-S) MOSFET
Publication Order Number: [MS60P02NE]
© Bruckewell Technology Corporation Rev. A -2014
Thermal Resistance Ratings
Symbol
Parameter
Value
Units
RTHJA
Maximum Junction-to-Ambient
a
( t<=5sec)
100
°C/W
Maximum Junction-to-Ambient
a
(Steady-State)
166
Notes:
a.Surface Mounted on 1
”x1” FR4 Board.
b.Pulse width limited by maximum junction temperature.
Specifications (TA=25°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250μA
-1.2
V
IGSS
Gate-Body Leakage
VDS = 0 V , VGS = ±20 V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = -48 V , VGS = 0 V
VDS = -48 V , VGS = 0 V , TJ= 55°C
-1
-10
uA
ID(on)
On-State Drain Current
A
VDS = -5 V, VGS = -10 V
-8
A
r
DS(on)
Drain-Source On-Resistance
A
VGS = -10 V, ID = -1.6 A
VGS = -4.5 V, ID = -1.3 A
770
1200
m
Ω
gfs
Forward Tranconductance
A
VDS = -15 V, ID = -1.6 A
8
S
VSD
Diode Forward Voltage
IS = -2.5 V, VGS = 0 V
0.8
V
Dynamic
b
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
VDS = -30 V , ID = -1.6 A,
VGS = -4.5 V
18
nC
Qgs
Gate-Source Charge
5
nC
Qgd
Gate-Drain Charge
2
nC
td(on)
Turn-On Delay Time
VDD = -30 V , RG = 6 Ω,
VGEN = 10 V , ID = -1 A,
RL = 30 Ω
8
ns
tr
Rise Time
10
ns
td(off)
Turn-Off Delay Time
35
ns
tf
Fall Time
12
ns
Notes:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com