Electronic Components Datasheet Search
  English  ▼

X  

MSD2N70 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MSD2N70
Description  700V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD2N70 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MSD2N70 Datasheet HTML 1Page - Bruckewell Technology LTD MSD2N70 Datasheet HTML 2Page - Bruckewell Technology LTD MSD2N70 Datasheet HTML 3Page - Bruckewell Technology LTD MSD2N70 Datasheet HTML 4Page - Bruckewell Technology LTD MSD2N70 Datasheet HTML 5Page - Bruckewell Technology LTD MSD2N70 Datasheet HTML 6Page - Bruckewell Technology LTD MSD2N70 Datasheet HTML 7Page - Bruckewell Technology LTD MSD2N70 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MSD2N70
700V N-Channel MOSFET
Publication Order Number: [MSD2N70]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
Qg
VDS = 560 V,ID = 1.6 A,
VGS = 10 V
--
10.5
14
nC
Qgs
--
2.0
--
Qgd
--
4.0
--
Source-Drain Diode Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
IS
--
--
1.6
A
ISM
--
--
6
VSD
IF = 1.6 A , VGS = 0 V
--
--
1.5
V
trr
IF = 1.6 A , VGS = 0 V , dIF/dt=100A/μs
--
250
--
ns
Qrr
--
1.2
--
uC
NOTE:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. IAS=1.6A, VDD=50V, RG=25W, Starting TJ =25°C
3. ISD≤1.6A, di/dt≤300A/μs, VDD≤BVDSS , Starting TJ =25 °C
4. Pulse Test : Puls
e Width ≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com