Electronic Components Datasheet Search
  English  ▼

X  

MSD30P06 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MSD30P06
Description  P-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD30P06 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MSD30P06 Datasheet HTML 1Page - Bruckewell Technology LTD MSD30P06 Datasheet HTML 2Page - Bruckewell Technology LTD MSD30P06 Datasheet HTML 3Page - Bruckewell Technology LTD MSD30P06 Datasheet HTML 4Page - Bruckewell Technology LTD MSD30P06 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSD30P06
P-Channel 60-V (D-S) MOSFET
Publication Order Number: [MSD30P06]
© Bruckewell Technology Corporation Rev. A -2014
Description
The MSD30P06 is a N-channel enhancement-mode
MOSFET , providing the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost effectiveness. The TO-252
package is universally preferred for all
commercial-industrial applications
Features
• Low RDS(on) provides higher efficiency and extends
battery life
• Low thermal impedance copper lead frame DPAK
saves board space
• Fast switching speed
• High performance trench technology
• RoHS compliant package
Packing & Order Information
Part No./ T:2,500/Reel
Part No./ R:80/Tube , 4,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current @ TC=25°C
28
A
IDM
Pulsed Drain Current
±50
A
IS
Continuous Source Current (Diode Conduction)
-30
A


Similar Part No. - MSD30P06

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
N-Channel 60-V (D-S) MOSFET
MSD30N94 BWTECH-MSD30N94 Datasheet
620Kb / 6P
30V N-Channel MOSFETs
More results

Similar Description - MSD30P06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com