Electronic Components Datasheet Search
  English  ▼

X  

MSF2N40 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MSF2N40
Description  400V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF2N40 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MSF2N40 Datasheet HTML 1Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 2Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 3Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 4Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 5Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MSF2N40
400V N-Channel MOSFET
Publication Order Number: [MSF2N40]
© Bruckewell Technology Corporation Rev. A -2014
Description
The MSF2N40 is a N-channel enhancement-mode
MOSFET , providing the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost effectiveness. The TO-220F
package is universally preferred for all
commercial-industrial applications
Features
• BVDSS=400V typically @ Tj=150°C
• Low On Resistance
• Simple Drive Requirement
• Low Gate Charge
• Fast Switching Characteristic
• RoHS compliant package
Application
• Adapter
• Switching Mode Power Supply
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
400
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current -Continuous (TC=25°C)
2.0
A
Drain Current -Continuous (TC=100°C)
1.8
A
IDM
Drain Current Pulsed
5.4
A
EAS
Single Pulsed Avalanche Energy
100
mJ
EAR
Repetitive Avalanche Energy
10
mJ
dv/dt
Peak Diode Recovery dv/dt
5.5
V/ns


Similar Part No. - MSF2N40

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF2N60 BWTECH-MSF2N60 Datasheet
957Kb / 8P
600V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
700V N-Channel MOSFET
More results

Similar Description - MSF2N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
400V N-Channel MOSFET
FQP7N40 FAIRCHILD-FQP7N40 Datasheet
757Kb / 8P
400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
400V N-Channel MOSFET
IRFR330B FAIRCHILD-IRFR330B Datasheet
671Kb / 9P
400V N-Channel MOSFET
IRFW740B FAIRCHILD-IRFW740B Datasheet
678Kb / 9P
400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com