Electronic Components Datasheet Search
  English  ▼

X  

MSF2N60 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MSF2N60
Description  600V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF2N60 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MSF2N60 Datasheet HTML 1Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 2Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 3Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 4Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 5Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 6Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 7Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MSF2N60
600V N-Channel MOSFET
Publication Order Number: [MSF2N60]
© Bruckewell Technology Corporation Rev. A -2014
Description
The MSF2N60 is a N-channel enhancement-mode
MOSFET , providing the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost effectiveness. The TO-220F
package is universally preferred for all
commercial-industrial applications
Features
• Low On Resistance
• Simple Drive Requirement
• Low Gate Charge
• Fast Switching Characteristic
• RoHS compliant package
Application
• Open Framed Power Supply
• Adapter
• STB
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
600
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current -Continuous (TC=25°C)
2.0
A
Drain Current -Continuous (TC=100°C)
1.3
A
IDM
Drain Current Pulsed
8.0
A
EAS
Single Pulsed Avalanche Energy
120
mJ
EAR
Repetitive Avalanche Energy
5.4
mJ
dv/dt
Peak Diode Recovery dv/dt
4.5
V/ns
TJ,TSTG
Operating and Storage Temperature Range
-55 to +150
°C


Similar Part No. - MSF2N60

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF2N40 BWTECH-MSF2N40 Datasheet
953Kb / 6P
400V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
700V N-Channel MOSFET
More results

Similar Description - MSF2N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com