Electronic Components Datasheet Search
  English  ▼

X  

MSF4N65 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MSF4N65
Description  650V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF4N65 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MSF4N65 Datasheet HTML 1Page - Bruckewell Technology LTD MSF4N65 Datasheet HTML 2Page - Bruckewell Technology LTD MSF4N65 Datasheet HTML 3Page - Bruckewell Technology LTD MSF4N65 Datasheet HTML 4Page - Bruckewell Technology LTD MSF4N65 Datasheet HTML 5Page - Bruckewell Technology LTD MSF4N65 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MSF4N65
650V N-Channel MOSFET
Publication Order Number: [MSF4N65]
© Bruckewell Technology Corporation Rev. A -2014
Switching Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Time
VDS = 325 V, ID = 4.0 A,
RG = 25 Ω
--
10
30
ns
tr
Turn-On Time
--
35
80
ns
td(off)
Turn-Off Delay Time
--
45
100
ns
tf
Turn-Off Fall Time
--
40
90
ns
Qg
Total Gate Charge
VDS = 520 V,ID = 4.0 A,
VGS = 10 V
--
15
20
nC
Qgs
Gate-Source Charge
--
2.8
--
nC
Qgd
Gate-Drain Charge
--
6.0
--
nC
Source-Drain Diode Maximum Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
IS
Continuous Source-Drain Diode Forward Current
--
--
3.6
A
ISM
Pulsed Source-Drain Diode Forward Current
--
--
16
VSD
Source-Drain Diode Forward Voltage
IS = 4.0 A , VGS = 0 V
--
--
1.5
V
trr
Reverse Recovery Time
IF = 4.0 A , VGS = 0 V
diF/dt=100A/μs
--
300
--
ns
Qrr
Reverse Recovery Charge
--
2.2
--
μC
Notes;
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. IAS=4A, VDD=50V, RG=25W, Starting TJ=25℃
3. ISD≦4A, di/dt≦300A/μs,VDD≦BVDSS, Starting TJ=25℃
4. Pulse Test: Pulse Width
≦ 300μs, Duty Cycle≦ 2%
5. Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com