Electronic Components Datasheet Search
  English  ▼

X  

IDT7205 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT7205
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7205 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT7205 Datasheet HTML 6Page - Integrated Device Technology IDT7205 Datasheet HTML 7Page - Integrated Device Technology IDT7205 Datasheet HTML 8Page - Integrated Device Technology IDT7205 Datasheet HTML 9Page - Integrated Device Technology IDT7205 Datasheet HTML 10Page - Integrated Device Technology IDT7205 Datasheet HTML 11Page - Integrated Device Technology IDT7205 Datasheet HTML 12Page - Integrated Device Technology IDT7205 Datasheet HTML 13Page - Integrated Device Technology IDT7205 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
5.04
12
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TRUTH TABLES
TABLE I – RESET AND RETRANSMIT
SINGLE DEVICE CONFIGURATION/WIDTH EXPANSION MODE
Inputs
Internal Status
Outputs
Mode
RS
RS
RT
RT
XI
XI
Read Pointer
Write Pointer
EF
EF
FF
FF
HF
HF
Reset
0
X
0
Location Zero
Location Zero
0
1
1
Retransmit
1
0
0
Location Zero
Unchanged
X
X
X
Read/Write
1
1
0
Increment (1)
Increment (1)
XX
X
TABLE II – RESET AND FIRST LOAD
DEPTH EXPANSION/COMPOUND EXPANSION MODE
Inputs
Internal Status
Outputs
Mode
RS
RS
FL
FL
XI
XI
Read Pointer
Write Pointer
EF
EF
FF
FF
Reset First Device
0
0
(1)
Location Zero
Location Zero
0
1
Reset all Other Devices
0
1
(1)
Location Zero
Location Zero
0
1
Read/Write
1
X
(1)
X
X
X
X
Figure 14. Block Diagram of 6149 x 9/12298 x 9/24596 x 9/49152 x 9 FIFO Memory (Depth Expansion)
NOTES:
2661 tbl 10
1.
XI is connected to XO of previous device. See Figure 14.
2.
RS = Reset Input, FL/RT = First Load/Retransmit, EF = Empty Flag Output, FF = Full Flag Output, XI = Expansion Input, HF = Half-Full Flag Output
NOTE:
2661 tbl 09
1. Pointer will Increment if flag is HIGH.
D
W
IDT
7203/
7204/
7205/
7206
FF
EF
FL
XO
RS
FULL
EMPTY
VCC
R
9
9
99
XI
9
Q
FF
EF
FL
XO
XI
FF
EF
FL
XO
XI
IDT
7203/
7204/
7205/
7206
IDT
7203/
7204/
7205/
7206
2661 drw 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com