Electronic Components Datasheet Search
  English  ▼

X  

MSF6N65 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MSF6N65
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF6N65 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MSF6N65 Datasheet HTML 1Page - Bruckewell Technology LTD MSF6N65 Datasheet HTML 2Page - Bruckewell Technology LTD MSF6N65 Datasheet HTML 3Page - Bruckewell Technology LTD MSF6N65 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSF6N65
N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MSF6N65]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Time
VDS = 325 V, ID = 6 A,
RG = 25 Ω , VGS = 10 V
--
12
--
ns
tr
Turn-On Time
--
13
--
ns
td(off)
Turn-Off Delay Time
--
25
--
ns
tf
Turn-Off Fall Time
--
13
--
ns
CISS
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0MHz
--
1350
--
pF
COSS
Output Capacitance
--
120
--
pF
CRSS
Reverse Transfer Capacitance
--
26
--
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
IS
VD = VG = 0
VS = 1.3 V
--
--
6.0
A
ISM
--
--
24
VSD
IS = 6 A , VGS = 0 V
--
--
1.5
V
trr
IF = 6 A , VGS = 0 V
diF/dt=100A/μs
--
330
--
ns
Qrr
--
2.8
--
μC
Notes;
1. Pulse Test: Pulse Width
≦ 300μs, Duty Cycle≦ 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com