Electronic Components Datasheet Search
  English  ▼

X  

S9012LT Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # S9012LT
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

S9012LT Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  S9012LT Datasheet HTML 1Page - Bruckewell Technology LTD S9012LT Datasheet HTML 2Page - Bruckewell Technology LTD S9012LT Datasheet HTML 3Page - Bruckewell Technology LTD S9012LT Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S9012LT
PNP EPITAXIAL SILICON
TRANSISTOR
Publication Order Number: [S9012LT]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (Ta=25°C unless otherwise noted)
Symbol
Parameter
S9012
Unit
VCBO
Collector-Base Voltage
-40
Vdc
VCEO
Collector-Emitter Voltage
-30
Vdc
VEBO
Emitter-Base Voltage
-5
Vdc
IC
Collector Current
-500
mAdc
PD
Collector Power Dissipation
300
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
°C
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC = -100μA
-40
V
V(BR)CEO
Collector-emitter breakdown voltage
IC = -1 mA
-30
V
V(BR)EBO
Emitter-base breakdown voltage
IE = -100μA
-5
V
ICBO
Collector cut-off current
VCB = -35 V , IE = 0
-0.1
uA
IEBO
Emitter cut-off current
VEB = -5 V , IC = 0
-0.1
uA
hFE(1)
DC current gain
VCE = -1 V , IC = -100 mA
70
400
VCE(sat)
Collector-emitter saturation voltage
IC = -500 mA , IB = -50 mA
-0.6
V
VBE
Base-Emitter Saturation Voltage
VCE = -1 V, IC =-100mA
-0.8
-1.0
V
fT
Transition frequency
VCE = -6 V , IC = -20 mA
150
300
MHz
Cob
Collector output capacitance
VCB = -6 V , IE = 0
f = 1.0MHz
7
10
pF
CLASSIFICATION OF hFE
Rank
L
H
Rang
70-200
200-400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com