Electronic Components Datasheet Search
  English  ▼

X  

SBL3045C Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SBL3045C
Description  Low VF Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SBL3045C Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SBL3045C Datasheet HTML 1Page - Bruckewell Technology LTD SBL3045C Datasheet HTML 2Page - Bruckewell Technology LTD SBL3045C Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary SBL3045C
Low VF Schottky Barrier Rectifier
Publication Order Number: [SBL3045C]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder bath temperature 275 °C max. 10 s, per JESD
22-B106
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• RoHS compliant package
Mechanical Data
• Case: TO-220AB
• Molding compound meets UL 94 V-0 flammability
• RoHS compliant, and commercial grade
• Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
• Polarity: As marked
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SBL3045C
Unit
Maximum repetitive peak reverse voltage
VRRM
40
V
Working peak reverse voltage
VRWM
28
V
Maximum DC blocking voltage
VDC
40
V
Maximum average forward rectified current per device
per diode
IF(AV)
30
15
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
275
A
Voltage rate of change (rated VR)
dv/dt
10000
V/μs
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C


Similar Part No. - SBL3045C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SBL3045C UTC-SBL3045C Datasheet
164Kb / 3P
LOW DROP POWER SCHOTTKY RECTIFIER
logo
Zowie Technology Corpor...
SBL3045CF ZOWIE-SBL3045CF Datasheet
343Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SBL3045CFSH ZOWIE-SBL3045CFSH Datasheet
75Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SBL3045CG-TA3-T UTC-SBL3045CG-TA3-T Datasheet
164Kb / 3P
LOW DROP POWER SCHOTTKY RECTIFIER
SBL3045CG-TF1-T UTC-SBL3045CG-TF1-T Datasheet
164Kb / 3P
LOW DROP POWER SCHOTTKY RECTIFIER
More results

Similar Description - SBL3045C

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
20SQ045L JINANJINGHENG-20SQ045L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
S545U JINANJINGHENG-S545U Datasheet
70Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100 JINANJINGHENG-SP5U100 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com