Electronic Components Datasheet Search
  English  ▼

X  

SB53 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SB53
Description  5.0 Amp Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SB53 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SB53 Datasheet HTML 1Page - Bruckewell Technology LTD SB53 Datasheet HTML 2Page - Bruckewell Technology LTD SB53 Datasheet HTML 3Page - Bruckewell Technology LTD SB53 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB52-SB56
5.0 Amp Schottky Barrier Rectifiers
Publication Order Number: [SB52-SB56]
© Bruckewell Technology Corporation Rev. A -2014
Maximum Ratings (Tc=25°C unless otherwise noted)
SB52
SB53
SB54
SB55
SB56
Unit
Device marking code
SB52
SB53
SB54
SB55
SB56
Maximum instantaneous
forward voltage at IFM=1.0A
(NOTE1)
VF
0.55
0.7
V
Maximum DC reverse current TJ=25°C
IR
0.5
V
At rated DC blocking voltage
TJ=125°C
20
V
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
28
°C/W
Rthjl
20
Notes:
(1) L = 10mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com