Electronic Components Datasheet Search
  English  ▼

X  

SD34 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SD34
Description  Surface Mount High Current Density Schottky Rectifiers 3.0 Amp 40V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SD34 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SD34 Datasheet HTML 1Page - Bruckewell Technology LTD SD34 Datasheet HTML 2Page - Bruckewell Technology LTD SD34 Datasheet HTML 3Page - Bruckewell Technology LTD SD34 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD34
Surface Mount High Current Density
Schottky Rectifiers 3.0 Amp 40V
Publication Order Number: [SD34]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Guarding protection
• Low forward voltage
• Reverse energy tested
• High current capability
• Extremely low thermal resistance
• RoHS compliant package
Mechanical Data
• Case: SOD-123 Molded plastic
• Epoxy: UL94V-O rate flame retardant
• Lead: Lead Formed for Surface Mount
• Polarity: Color band denotes cathode end
• Mounting position: Any
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SD34
Unit
Maximum repetitive peak reverse voltage
VRRM
40
V
Working peak reverse voltage
VRWM
28
V
Maximum DC blocking voltage
VDC
40
V
Maximum average forward rectified current
IF(AV)
3.0
A
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C


Similar Part No. - SD34

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SD3400 VBSEMI-SD3400 Datasheet
486Kb / 9P
N-Channel 30-V (D-S) MOSFET
SD3401 VBSEMI-SD3401 Datasheet
496Kb / 9P
P-Channel 30 V (D-S) MOSFET
SD3402 VBSEMI-SD3402 Datasheet
475Kb / 9P
N-Channel 30-V (D-S) MOSFET
SD3407 VBSEMI-SD3407 Datasheet
483Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Pan Jit International I...
SD340S PANJIT-SD340S Datasheet
40Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
More results

Similar Description - SD34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4_11 Datasheet
88Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
19-Jul-11
SS3P5 VISHAY-SS3P5_11 Datasheet
92Kb / 5P
High Current Density Surface Mount Schottky Rectifiers
19-Apr-11
logo
SeCoS Halbleitertechnol...
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4_13 Datasheet
87Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
16-Apr-12
logo
Bruckewell Technology L...
SD14 BWTECH-SD14 Datasheet
873Kb / 3P
Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 40V
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4_15 Datasheet
85Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
08-Oct-13
SS3P4 VISHAY-SS3P4_15 Datasheet
82Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
08-Oct-13
logo
Bruckewell Technology L...
BAT48-60 BWTECH-BAT48-60 Datasheet
126Kb / 4P
Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 60V
BAT48-40 BWTECH-BAT48-40 Datasheet
126Kb / 4P
Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 40V
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4_V01 Datasheet
102Kb / 5P
High Current Density Surface-Mount Schottky Rectifiers
08-Mar-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com