Electronic Components Datasheet Search
  English  ▼

X  

AD548 Datasheet(PDF) 6 Page - Analog Devices

Part # AD548
Description  Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD548 Datasheet HTML 2Page - Analog Devices AD548 Datasheet HTML 3Page - Analog Devices AD548 Datasheet HTML 4Page - Analog Devices AD548 Datasheet HTML 5Page - Analog Devices AD548 Datasheet HTML 6Page - Analog Devices AD548 Datasheet HTML 7Page - Analog Devices AD548 Datasheet HTML 8Page - Analog Devices AD548 Datasheet HTML 9Page - Analog Devices AD548 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD548
–6–
REV. D
FREQUENCY – Hz
100
80
60
0
–40
1k
10k
100k
1M
10M
–20
20
40
100
80
60
0
–40
–20
20
40
PHASE
GAIN
TPC 10. Open-Loop Frequency
Response
FREQUENCY – Hz
90
80
70
50
20
1k
10k
100k
1M
40
60
30
TPC 13. CMRR vs. Frequency
FREQUENCY – Hz
4
1
0.001
100
1k
10k
0.01
0.1
100k
FOLLOWER
WITH GAIN = 10
UNITY GAIN
FOLLOWER
TPC 16. Total Harmonic
Distortion vs. Frequency
FREQUENCY – Hz
120
100
80
20
–20
100
1k
10k
100k
1M
0
40
60
–SUPPLY
+SUPPLY
TPC 12. PSRR vs. Frequency
10mV
SETTLING TIME – µs
10
0
–5
–10
0
2
4
6
8
5
1mV
1mV
10mV
TPC 15. Output Swing and Error
Voltage vs. Output Settling Time
SOURCE IMPEDANCE –
1,000
100
10
0
100k
1M
10M
100M
1G
10G
100G
10,000
1
AMPLIFIER GENERATED NOISE
RESISTOR JOHNSON
NOISE
1kHz BANDWIDTH
10Hz
BANDWIDTH
WHENEVER JOHNSON NOISE IS GREATER THAN
AMPLIFIER NOISE, AMPLIFIER NOISE CAN BE
CONSIDERED NEGLIGIBLE FOR APPLICATION
TPC 18. Total Noise vs. Source
Impedance
SUPPLY VOLTAGE –
V
120
100
90
80
60
0
2
4
6
8
10
12
14
16
18
110
70
TPC 11. Open-Loop Voltage Gain
vs. Supply Voltage
FREQUENCY – Hz
22
20
18
12
8
10
100
1k
10k
100k
1M
10
14
16
0
6
4
2
TPC 14. Large Signal Frequency
Response
FREQUENCY – Hz
160
140
120
60
20
10
100
1k
10k
100k
40
80
100
0
TPC 17. Input Noise Voltage
Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com