Electronic Components Datasheet Search
  English  ▼

X  

SS32-SS3100 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SS32-SS3100
Description  Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS32-SS3100 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SS32-SS3100 Datasheet HTML 1Page - Bruckewell Technology LTD SS32-SS3100 Datasheet HTML 2Page - Bruckewell Technology LTD SS32-SS3100 Datasheet HTML 3Page - Bruckewell Technology LTD SS32-SS3100 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS32-SS3100
Surface Mount Schottky Barrier Rectifiers
REVERSE VOLTAGE: 20 - 100 V
Publication Order Number: [SS3100H]
© Bruckewell Technology Corporation Rev. A -2014
Ratings at 25°C ambient temperature unless otherwise specified
SS32
SS33
SS34
SS35
SS36
SS38
SS39
SS3100
Unit
Device marking code
SS32
SS33
SS34
SS35
SS36
SS38
SS39
SS3100
Peak
forward
surge
current 8.3ms single half
sine-wave
IFSM
100
A
Maximum
instantaneous
forward
voltage
at
IFM=3.0A (NOTE1)
VF
0.50
0.75
0.85
V
Maximum
DC
reverse
current TJ=25°C
IR
0.5
20
mA
Maximum
thermal
resistance
RθJc
10
°C/W
Operating
junction
temperature range
TJ
-55 +125
-55 +150
°C
Storage
temperature
range
TSTG
-55 +150
°C
Notes:
1.Pulse test: Pulse width 300us, duty cycle 1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com