Electronic Components Datasheet Search
  English  ▼

X  

AD587 Datasheet(PDF) 1 Page - Analog Devices

Part # AD587
Description  High Precision 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587 Datasheet(HTML) 1 Page - Analog Devices

  AD587_15 Datasheet HTML 1Page - Analog Devices AD587_15 Datasheet HTML 2Page - Analog Devices AD587_15 Datasheet HTML 3Page - Analog Devices AD587_15 Datasheet HTML 4Page - Analog Devices AD587_15 Datasheet HTML 5Page - Analog Devices AD587_15 Datasheet HTML 6Page - Analog Devices AD587_15 Datasheet HTML 7Page - Analog Devices AD587_15 Datasheet HTML 8Page - Analog Devices AD587_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Precision 10 V Reference
AD587
Rev. H
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1998–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Laser trimmed to high accuracy
10.000 V ± 5 mV (U grade)
Trimmed temperature coefficient
5 ppm/°C maximum (U grade)
Noise-reduction capability
Low quiescent current: 4 mA maximum
Output trim capability
MIL-STD-883-compliant versions available
FUNCTIONAL BLOCK DIAGRAM
8
2
6
4
5
RT
RI
AD587
A1
+VIN
NOISE
REDUCTION
VOUT
TRIM
GND
NOTE
PIN 1, PIN 3, AND PIN 7 ARE INTERNAL TEST
POINTS. NO CONNECTIONS TO THESE POINTS.
RF
RS
Figure 1.
GENERAL DESCRIPTION
The AD587 represents a major advance in state-of-the-art
monolithic voltage references. Using a proprietary ion-
implanted buried Zener diode and laser wafer trimming of high
stability thin-film resistors, the AD587 provides outstanding
performance at low cost.
The AD587 offers much higher performance than most other
10 V references. Because the AD587 uses an industry-standard
pinout, many systems can be upgraded instantly with the AD587.
The buried Zener approach to reference design provides lower
noise and drift than band gap voltage references. The AD587
offers a noise-reduction pin that can be used to further reduce
the noise level generated by the buried Zener.
The AD587 is recommended for use as a reference for 8-bit,
10-bit, 12-bit, 14-bit, or 16-bit DACs that require an external
precision reference. The device is also ideal for successive
approximation or integrating ADCs with up to 14 bits of
accuracy. In general, it offers better performance than standard
on-chip references.
The AD587J and AD587K are specified for operation from 0°C
to 70°C, and the AD587U is specified for operation from −55°C
to +125°C. The AD587JQ and AD587UQ models are available
in 8-lead CERDIP. Other models are available in an 8-lead SOIC
package for surface-mount applications, or in an 8-lead PDIP.
PRODUCT HIGHLIGHTS
1.
Laser trimming of both initial accuracy and temperature
coefficients. This laser trimming results in very low errors
over temperature without the use of external components.
The AD587U guarantees ±14 mV maximum total error
between −55°C and +125°C.
2.
Optional fine trim connection. This connection is designed
for applications requiring higher precision.
3.
Instant upgrade of any system using an industry-standard
pinout 10 V reference.
4.
Very low output noise. AD587 output noise is typically
4 μV p-p. A noise-reduction pin is provided for additional
noise filtering using an external capacitor.
5.
MIL-STD-883-compliant versions available. Refer to the
Analog Devices Military/Aerospace Reference Manual for
detailed specifications.


Similar Part No. - AD587_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587JCHIPS AD-AD587JCHIPS Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
AD587JN AD-AD587JN Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
AD587JN AD-AD587JN Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD587JNZ AD-AD587JNZ Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
AD587JNZ1 AD-AD587JNZ1 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
More results

Similar Description - AD587_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD581SH AD-AD581SH Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com