Electronic Components Datasheet Search
  English  ▼

X  

SS2200B Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SS2200B
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS2200B Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SS2200B Datasheet HTML 1Page - Bruckewell Technology LTD SS2200B Datasheet HTML 2Page - Bruckewell Technology LTD SS2200B Datasheet HTML 3Page - Bruckewell Technology LTD SS2200B Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS2200B
Surface Mount Schottky Rectifier
Publication Order Number: [SS2200B]
© Bruckewell Technology Corporation Rev. A -2014
Features
• High Current Capability
• Extremely Low Thermal Resistance
• For Surface Mount Application
• Higher Temp Soldering: 250°C for 10 Seconds at
Terminals
• Low Revise Current
• RoHS compliant package
Mechanical Data
• Case: Molded Plastic
• Epoxy: UL 94V-0 Rate Flame Retardant
• Lead: Axial Leads, Solderable per MIL-STD-202
Method 208 Guaranteed
• Polarity: Color Band Denotes Cathode End
• Mounting Position: Any
• Weight: 0.93 grams
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS2200B
Unit
Maximum repetitive peak reverse voltage
VRRM
200
V
Working peak reverse voltage
VRWM
200
V
Maximum DC blocking voltage
VDC
200
V
Maximum average forward rectified current
IF(AV)
2
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
60
A
Non-repetitive avalanche energy at 25 °C
IAS = 2 A per diode
EAS
20
m'J
Operating junction temperature range
TJ
-55 to +125
°C
Storage temperature range
TSTG
-55 to +150
°C
Notes:


Similar Part No. - SS2200B

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS2200B CHENDA-SS2200B Datasheet
952Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS2200BF BILIN-SS2200BF Datasheet
383Kb / 4P
Schottky Barrier Rectifiers
Rev.B
logo
Microdiode Semiconducto...
SS2200BF CHENDA-SS2200BF Datasheet
846Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS2200B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com