Electronic Components Datasheet Search
  English  ▼

X  

TMBR2080CT Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # TMBR2080CT
Description  Dual Common-Cathode Ultra Low VF Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

TMBR2080CT Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  TMBR2080CT Datasheet HTML 1Page - Bruckewell Technology LTD TMBR2080CT Datasheet HTML 2Page - Bruckewell Technology LTD TMBR2080CT Datasheet HTML 3Page - Bruckewell Technology LTD TMBR2080CT Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TMBR2080CT
Dual Common-Cathode
Ultra Low VF Schottky Rectifier
Publication Order Number: [TMBR2080CT]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
TMBR2080CT
Unit
Maximum repetitive peak reverse voltage
VRRM
80
V
Working peak reverse voltage
VRWM
80
V
Maximum DC blocking voltage
VDC
80
V
Maximum average forward rectified current
IF(AV)
10
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
120
A
Average Rectified Forward Current
Io(AV)
20
A
Operating junction temperature range
TJ
-55 to +175
°C
Storage temperature range
TSTG
-55 to +175
°C
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Maximun instantaneous at IF=10A, Tj=25°C
forward voltage per leg at IF=10A, Tj=125°C
VF
0.61
0.58
0.65
0.62
V
Maximum reverse current per leg
Tj=25°C
IR
200
u'A
at working peak reverse voltage
Tj=125°C
1
m'A
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Value
Unit
Typical thermal resistance
Symbol
TMBR2080CT
°C/W
Rthja
60
RθJA
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com