Electronic Components Datasheet Search
  English  ▼

X  

AD602 Datasheet(PDF) 3 Page - Analog Devices

Part # AD602
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602 Datasheet(HTML) 3 Page - Analog Devices

  AD602 Datasheet HTML 1Page - Analog Devices AD602 Datasheet HTML 2Page - Analog Devices AD602 Datasheet HTML 3Page - Analog Devices AD602 Datasheet HTML 4Page - Analog Devices AD602 Datasheet HTML 5Page - Analog Devices AD602 Datasheet HTML 6Page - Analog Devices AD602 Datasheet HTML 7Page - Analog Devices AD602 Datasheet HTML 8Page - Analog Devices AD602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AD600/AD602
Rev. F | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Typical Performance Characteristics ............................................. 7
 
Theory of Operation ...................................................................... 10
 
Noise Performance ..................................................................... 10
 
Gain-Control Interface .............................................................. 11
 
Signal-Gating Inputs .................................................................. 11
 
Common-Mode Rejection ........................................................ 11
 
Achieving 80 dB Gain Range .................................................... 11
 
Sequential Mode (Maximum SNR) ......................................... 12
 
Parallel Mode (Simplest Gain-Control Interface).................. 13
 
Low Ripple Mode (Minimum Gain Error) ............................. 13
 
Applications Information .............................................................. 15
 
Time-Gain Control (TGC) and Time-Variable
Gain (TVG) ................................................................................. 15
 
Increasing Output Drive............................................................ 15
 
Driving Capacitive Loads.......................................................... 15
 
Realizing Other Gain Ranges ................................................... 16
 
Ultralow Noise VCA .................................................................. 16
 
Low Noise, 6 dB Preamplifier ................................................... 16
 
Low Noise AGC Amplifier with 80 dB Gain Range .............. 17
 
Wide Range, RMS-Linear dB Measurement System
(2 MHz AGC Amplifier with RMS Detector) ........................ 19
 
100 dB to 120 dB RMS Responding Constant Bandwidth
AGC Systems with High Accuracy Decibel Outputs ............ 21
 
100 dB RMS/AGC System with Minimal Gain Error
(Parallel Gain with Offset) ........................................................ 22
 
120 dB RMS/AGC System with Optimal SNR
(Sequential Gain) ....................................................................... 23
 
Outline Dimensions ....................................................................... 27
 
Ordering Guide .......................................................................... 29
 
REVISION HISTORY
10/08—Rev. E to Rev. F
Changes to Power Supply Parameter, Table 1 ............................... 3
Changes to Figure 41...................................................................... 20
Changes to Figure 45...................................................................... 21
Changes to Figure 47...................................................................... 22
Changes to Figure 51...................................................................... 24
Updated Outline Dimensions ....................................................... 27
Changes to Ordering Guide .......................................................... 29
1/06—Rev. D to Rev. E
Updated Format..................................................................Universal
Changes to Table 2............................................................................ 5
Changes to The Gain-Control Interface Section........................ 11
Updated Outline Dimensions ....................................................... 27
Changes to Ordering Guide .......................................................... 28
3/04—Rev. C to Rev. D
Changes to Specifications ................................................................ 2
Changes to Ordering Guide ............................................................ 3
Changes to Figure 3.......................................................................... 8
Changes to Figure 29...................................................................... 18
Updated Outline Dimensions ....................................................... 20
5/02—Rev. B to Rev. C
Changes to Specifications.................................................................2
Renumber Tables and TPCs...................................................Global
8/01—Rev. A to Rev. B
Changes to Accuracy Section of AD600A/AD602A column......2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com