Electronic Components Datasheet Search
  English  ▼

X  

03P4J Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 03P4J
Description  High Anode to Cathode Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

03P4J Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  03P4J Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 03P4J Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 03P4J Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
1
Thyristor
■
Features
●
High Anode to Cathode Voltage
VDRM,VRRM=200V(03P2J)
VDRM,VRRM=400V(03P4J)
VDRM,VRRM=500V(03P5J)
1.Gate
2.Anode
3.Cathode
1.70 0.1
0.42 0.1
0.46 0.1
■
Absolute Maximum Ratings Ta = 25℃
■
Electrical Characteristics (Ta = 25℃, unless otherwise noted.)
Parameter
Symbol
Test Conditions
Min Typ. Max Unit
Gate Non-Trigger Voltage
VGD VDM=1/2VDRM,TJ = 125℃
0.1
V
VDRM=VRRM,RGK=1KΩ,Tj=25℃;
10
VDRM=VRRM,Tj=125℃;
100
On-state Voltage
VTM
IT=1A
1.6
Gate Trigger Voltage
VGT
VDM=6V, RL=100Ω
0.8
Gate Trigger Current (Continuous dc)
IGT
VDM=6V, RL=100Ω
200 μA
Holding Current
IH
VD=12V, IT=1A
5
mA
Critical Rate of rise of off-state Voltage
dV/dt VDM=2/3VDRM, Tj=125 ℃
40
V/us
Circuit Commutated turn-off time
tq
VD=2/3VDRM, Tj=125℃,TM=200mA;
VR≥25VdITM/dt=15A/us,dVD/dt=20V/us;
25
uS
Off-state Leakage Current
ID,IR
uA
V
SCR Thyristor
03P2J/03P4J/03P5J
Parameter
Symbol
03P2J
03P4J
03P5J
Unit
Repetitive Peak Reverse Voltages @ IRRM=100uA
VRRM
200
400
500
Repetitive Peak Off-State Voltages @ IDRM=100uA
VDRM
200
400
500
Average on-state Current (Ta = 77℃Single phase half wave)
IT(AV)
Forward Current RMS
IT(RMS)
Non-Repetitive Peak on-state Current (f=50Hz,1cycle)
ITSM
Circuit Fusing Considerations (1ms≤ t ≤10ms)
I2t
A2s
Peak Gate Current ─ Forward (f≥50Hz,duty≤10℅)
IGFM
A
Peak Gate Voltage ─ Reverse
VGRM
V
Peak Gate Power ─ Forward (f≥50Hz,duty≤10℅)
PGM
Average Gate Power ─ Forward
PGF(AV)
Thermal Resistance Junction to Ambient
Rth(j-a)
℃
/W
Junction Temperature
TJ
Storage Temperature Range
Tstg
100
0.3
0.47
6
℃
mW
A
10
125
-55 to 150
65
0.15
0.1
6
■
hFE Classification
Marking
NO
03P2J
03P4J
03P5J
Marking
03P2J
03P4J
03P5J
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 03P4J

ManufacturerPart #DatasheetDescription
logo
NEC
03P4J NEC-03P4J Datasheet
298Kb / 4P
ALL DIFFUSED TYPE SCR POWER MINI MOLD
logo
Guangdong Kexin Industr...
03P4J KEXIN-03P4J Datasheet
1Mb / 3P
SCR Thyristor
More results

Similar Description - 03P4J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8884A NSC-DS8884A Datasheet
98Kb / 4P
High Voltage Cathode Decoder/Driver
logo
List of Unclassifed Man...
DI8884A ETC2-DI8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
logo
Solid States Devices, I...
SDR620CT-CAP6 SSDI-SDR620CT-CAP6 Datasheet
41Kb / 2P
COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR623CT-CAP6 SSDI-SDR623CT-CAP6 Datasheet
230Kb / 2P
COMMON ANODE & CATHODE
logo
Roithner LaserTechnik G...
ML720A1S-E22E ROITHNER-ML720A1S-E22E Datasheet
190Kb / 1P
laser diode cathode photodiode cathode case common laser diode anode and photodiode anode
logo
Vishay Siliconix
MBR2090CT VISHAY-MBR2090CT_15 Datasheet
160Kb / 6P
Dual Common-Cathode High Voltage
11-Sep-13
VS-85HF VISHAY-VS-85HF Datasheet
183Kb / 9P
Stud cathode and stud anode version
07-Dec-16
VS-12F VISHAY-VS-12F Datasheet
167Kb / 6P
Stud cathode and stud anode version
16-Nov-15
VS-40HF VISHAY-VS-40HF Datasheet
164Kb / 9P
Stud cathode and stud anode version
29-Jan-14
logo
Nihon Inter Electronics...
PE1508N NIEC-PE1508N Datasheet
189Kb / 3P
Cathode & Anode Common
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com