Electronic Components Datasheet Search
  English  ▼

X  

IDT74FCT521 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT521
Description  FAST CMOS 8-BIT IDENTITY COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT521 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT521 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT521 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT521 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT521 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT521 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT521 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
MILITARYANDCOMMERCIALTEMPERATURERANGES
IDT54/74FCT521/A/B/C
FAST CMOS 8-BIT IDENTITY COMPARATOR
FUNCTION TABLE (1)
INPUTS
OUTPUT
IA = B
A, B
OA = B
L
L
H
H
A = B*
A
≠ B
A = B*
A
≠ B
L
H
H
H
PIN DESCRIPTION
Pin Names
Description
A0 - A7
Word A Inputs
B0 - B7
Word B Inputs
IA = B
Expansion or Enable Input (Active LOW)
OA = B
Identity Output (Active LOW)
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
*A0 = B0, A1 = B1, A2 = B2, etc.
PIN CONFIGURATION
CERDIP/ SOIC/ CERPACK
TOP VIEW
LCC
TOP VIEW
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
L20-2
B6
B7
A7
A6
B5
IND EX
A1
B1
A3
A2
B2
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
D20-1
SO20-2
E20-1
8
9
10
A1
A0
B0
VCC
B1
A3
A2
B2
B3
GND
OA=B
B6
B7
A7
A6
B4
B5
A5
A4
IA=B
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect to GND
–0.5 to +7
–0.5 to +7
V
VTERM(3)
Terminal Voltage
with Respect to GND
–0.5 to VCC
–0.5 to VCC
V
TA
Operating Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature Under
Bias
–55 to +125
–65 to +135
°C
TSTG
Storage Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
8-link
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability. No
terminal voltage may exceed VCC by +.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
8-link
NOTE:
1. This parameter is measured at characterization but not tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com