Electronic Components Datasheet Search
  English  ▼

X  

AD628 Datasheet(PDF) 19 Page - Analog Devices

Part # AD628
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD628_15 Datasheet HTML 13Page - Analog Devices AD628_15 Datasheet HTML 14Page - Analog Devices AD628_15 Datasheet HTML 15Page - Analog Devices AD628_15 Datasheet HTML 16Page - Analog Devices AD628_15 Datasheet HTML 17Page - Analog Devices AD628_15 Datasheet HTML 18Page - Analog Devices AD628_15 Datasheet HTML 19Page - Analog Devices AD628_15 Datasheet HTML 20Page - Analog Devices AD628_15 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AD628
Rev. G | Page 18 of 20
CURRENT LOOP RECEIVER
Analog data transmitted on a 4 to 20 mA current loop can be
detected with the receiver shown in Figure 33. The AD628 is an
ideal choice for such a function because the current loop is
driven with a compliance voltage sufficient to stabilize the loop,
and the resultant common-mode voltage often exceeds commonly
used supply voltages. Note that with large shunt values, a resistance
of equal value must be inserted in series with the inverting
input to compensate for an error at the noninverting input.
MONITORING BATTERY VOLTAGES
Figure 34 illustrates how the AD628 is used to monitor a battery
charger. Voltages approximately eight times the power supply
voltage can be applied to the input with no damage. The resistor
divider action is well suited for the measurement of many
power supply applications, such as those found in battery
chargers or similar equipment.
For proper operation, the common-mode voltage must satisfy
the input specifications in Table 1, as well as Equation 2.
6
8
1
4
5
7
2
3
AD628
+15V
+2.5V
9.53kΩ
–15V
10kΩ
0V TO 5V
TO ADC
I = 4 TO 20mA
100kΩ
210kΩ
100kΩ
100kΩ
249Ω
VCM = 15V
10kΩ
10kΩ
249Ω
Figure 33. Level Shifter for 4 to 20 mA Current Loop
+IN
–IN
G= +0.1
10kΩ
A1
–IN
100kΩ
VREF
–5V
–IN
A2
OUT
AD628
100kΩ
10kΩ
CHARGING
CIRCUIT
+1.5V
BATTERY
10kΩ
+IN
nVBAT(V)
REXT1
10kΩ
TO ADC
CFILT
RG
OTHER
BATTERIES IN
CHARGING
CIRCUIT
+5V
+IN
Figure 34. Battery Voltage Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com