Electronic Components Datasheet Search
  English  ▼

X  

31DF4_2015 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 31DF4_2015
Description  FRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

31DF4_2015 Datasheet(HTML) 1 Page - National Instruments Corporation

  31DF4_2015 Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/Thermal Characteristics
■定格・特性曲線
FORWARD CURRENT VS. VOLTAGE
31DF4
0
0.4
0.8
1.2
1.6
2.0
2.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0.2
0.5
1
2
5
10
20
50
Tj=25°C
Tj=150°C
FIG.1
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
31DF4
With Cu Fin(20×20×1t,L=5mm,Both Sides)
0
25
50
75
100
125
150
AMBIENT TEMPERATURE ( °C)
0
1
2
3
4
5
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°
0°
180°
CONDUCTION ANGLE
θ
FIG.4
SURGE CURRENT RATINGS
31DF4
f=50Hz,Half Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
10
20
30
40
50
60
70
0.02s
IFSM
FIG.5
AVERAGE FORWARD POWER DISSIPATION
0
1
2
3
4
5
AVERAGE FORWARD CURRENT (A)
0
1
2
3
4
5
6
31DF4
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°
0°
180°
CONDUCTION ANGLE
θ
FIG.2
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
31DF4
Without Fin or P.C.Board
0
25
50
75
100
125
150
AMBIENT TEMPERATURE ( °C)
0
0.4
0.8
1.2
1.6
2.0
2.4
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°
0°
180°
CONDUCTION ANGLE
θ
FIG.3
■OUTLINE DRAWING(mm)
3A Avg.
Volts
FRED
46
4
F
D
1
3
0
0
4
■APPROX. NET WEIGHT:1.19g
Item
Symbol
Conditions
平均整流
電
流
Average Rectified Forward Current
IO
Ta=29℃*1
1.5
実
効
順
電
流
R.M.S. Forward Current
IF(RMS)
4.71
保存温度
範
囲
Storage Temperature Range
Tstg
−40∼+150
サージ順
電
流
Surge Forward Current
IFSM
60 50Hz正弦半波,1サイクル,非くり返し
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
A
A
A
℃
動作接合温度 範 囲
Operating Junction Temperature Range
Tjw
−40∼+150
℃
くり返しピーク逆 電 圧
Repetitive Peak Reverse Voltage
VRRM
400
V
Ta=40℃*2
3.0
A
非くり返しピーク逆 電 圧
Non-repetitive Peak Reverse Voltage
VRSM
440
V
Item
Conditions
ピ
ー
ク逆
電
流
Peak Reverse Current
Tj=25℃, VRM=VRRM
熱
抵
抗
Thermal Resistance
単体フイン無し*1
Min.
Typ.
Max.
−
−
20
−
−
80
Symbol
IRM
ピ
ー
ク順
電
圧
Peak Forward Voltage
VFM
Tj=25℃, IFM=3A
−
−
1.25
Unit
μA
V
℃/W
銅版フイン付き*2
−
−
34
℃/W
*1:単体フイン無し / Without Fin or P.C. Board
*2:銅版フイン付き(両側) / With Cu Fin (20×20×1t, L=5mm, Both Sides)
逆回復
時
間
Reverse Recovery Time
trr
IFM=3A, −di/dt=50 A/μs, Tj=25℃
−
−
30
ns
Rth(j-a)
接合部・周 囲 間
Junction to Ambient


Similar Part No. - 31DF4_2015

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4_1 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
31DF4 TSC-31DF4_10 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
31DF4 TSC-31DF4_13 Datasheet
424Kb / 4P
3.0AMPS. Super Fast Rectifiers High efficiency, low VF
31DF4 TSC-31DF4_14 Datasheet
423Kb / 4P
3.0AMPS. Super Fast Rectifiers
logo
National Instruments Co...
31DF4 NI-31DF4_15 Datasheet
479Kb / 1P
FRED
More results

Similar Description - 31DF4_2015

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
20NFB60 NIEC-20NFB60 Datasheet
328Kb / 1P
FRED
30PFB60 NIEC-30PFB60 Datasheet
250Kb / 1P
FRED
EC10UA40 NIEC-EC10UA40 Datasheet
187Kb / 1P
FRED
ECF06B60 NIEC-ECF06B60 Datasheet
207Kb / 1P
FRED
ECF06B60-F NIEC-ECF06B60-F Datasheet
213Kb / 1P
FRED
ECU06A20 NIEC-ECU06A20 Datasheet
205Kb / 1P
FRED
ECU06A40 NIEC-ECU06A40 Datasheet
206Kb / 1P
FRED
FCU20B60 NIEC-FCU20B60 Datasheet
113Kb / 1P
FRED
FCU20UC30 NIEC-FCU20UC30 Datasheet
225Kb / 1P
FRED
FRU20UC30 NIEC-FRU20UC30 Datasheet
270Kb / 1P
FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com