Electronic Components Datasheet Search
  English  ▼

X  

31DF6_2015 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 31DF6_2015
Description  Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

31DF6_2015 Datasheet(HTML) 1 Page - National Instruments Corporation

  31DF6_2015 Datasheet HTML 1Page - National Instruments Corporation 31DF6_2015 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3A
Avg.
600Volts
Fast Recovery Diode
DSE-13050(1/2)
31DF6
構造:拡散型シリコンダイオード(FRD),リード線型
Construction :Diffusion-type Silicon Diode,Axial Lead Type
用途:高周波整流用
Application : High-Frequency Rectification
特長
Feature
低ノイズ
Low Noise
高耐圧
High Voltage
高速
High Speed Recovery
trr=35ns
trr=35ns
■
絶対最大定格(表示無き場合
Ta=25℃) Absolute Maximum Ratings (Ta = 25 oC unless otherwise stated)
項目
Item
記号
Symbol
条件
Conditions
定格値
Rating
単位
Units
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
-
600
V
Ta=29℃
*1
1.2
平均整流電流
Average Rectified Output Current
IO
50Hz 正弦半波通電
抵抗負荷
Half Sine Wave,
Resistive Load
T1=109℃
(T1:Lead Temperature)
3.0
A
実効順電流
RMS Forward Current
IF(RMS)
-
4.71
A
サージ順電流
Surge Forward Current
IFSM
50Hz 正弦半波 1 サイクル 非繰り返し
50Hz half Sine Wave,1 cycle,Non-repetitive
45
A
動作接合温度範囲
Operation Junction Temperature Range
Tjw
-
-40~+150
℃
保存温度範囲
Storage Temperature Range
Tstg
-
-40~+150
℃
■電気的・熱的特性 Electrical / Thermal Characteristics
項目
Item
記号
Symbol
条件
Conditions
最小値
min.
代表値
typ.
最大値
max.
単位
Units
ピーク逆電流
Peak Reverse Current
IRM
VRM=VRRM,Tj=25℃
-
-
20
µA
ピーク順電圧
Peak Forward Voltage
VFM
IFM=3.0A,Tj=25℃
-
-
1.7
V
逆回復時間
Reverse Recovery Time
trr
IFM=3.0A,-di/dt=50A/µs,Tj=25℃
35
ns
Rth(j-a)
接合部・周囲間 Junction to Ambient *1
-
-
80
℃/W
熱抵抗
Thermal Resistance
Rth(j-l)
接合部・リード間 Junction to Lead
-
-
8
℃/W
*1 : 単体フィン無し/Without Fin or P.C. Board
● 本資料の記載内容は製品改良などのため予告なく変更することがあります。
●
The content specified herein is subject to change without notice.
外形寸法図
OUTLINE DRAWING
Dimension : mm
Package : Axial 6
■
Weight
: 1.19g(typ.)
■
Flammability : Epoxy Resin=UL94V-0 Recognized
Date of issue:2013.10.2


Similar Part No. - 31DF6_2015

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF6Z BILIN-31DF6Z Datasheet
61Kb / 2P
SUPER FAST RECTIFIERS
logo
National Instruments Co...
31DF6 NI-31DF6_15 Datasheet
379Kb / 2P
Fast Recovery Diode
More results

Similar Description - 31DF6_2015

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com