Electronic Components Datasheet Search
  English  ▼

X  

AC205 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC205
Description  5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC205 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC205 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC205 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC205
FEA TURES
AC205
MII
7-wire
CPU
...5...
AC205 Application with AC208 System Block Diagram
• AC205 is a member of the AC208 product family, with
the same architecture and fabrication technology.
Other members in the product family include AC208,
AC207, AC206 and AC205i.
• Provides easy product migration.
• Provides seamless integration for WAN connections
and system expansion.
• Provides lowest overall cost and form factor for 10/100
repeater hub design and SOHO gateway and router
design.
• Utilizes field-proven, industry-standard 10BASE-T/
100BASE-TX Fast Ethernet transceivers to lower
overall system interoperability and reliability risks.
• Integrated memory reduces component cost and
manufacturing and testing costs.
• Low power consumption and low heat dissipation
allow high design density and low system cost.
• EEPROM-configured system parameter enables cost-
sensitive architecture.
• Configurable MII or 7-wire interface allows versatile
application with WAN connectivity.
SUMMAR Y
OF
BENEFITS
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
PRODUCT
PRODUCT
Brief
Brief
AC205
• The highest level of silicon integration achieved for a
five-port 10/100 bridged repeater
• The AC205 integrates:
• Five transceivers of 10BASE-T/100BASE-TX
• 10M repeater
• 100M repeater
• Two-port bridge including:
- 32 KB memory for address table and packet buffer
- Local MAC address filter
- Address table up to 1K entries
• MII or 7-wire port
• Fully compliant auto-negotiation
• Very small package – 100-pin PQFP
• 280 sq. mm footprint
• Very low power – typical < 1.2W
• Selectable TX drivers for 1:1 or 1.25:1 transformers to enable
additional power reduction
• Cable detect mode – typical < .20W
• Power down mode – typical < .05W
ALTIMA COMMUNICATIONS, INC. CONFIDENTIAL


Similar Part No. - AC205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC205 ETC1-AC205 Datasheet
96Kb / 2P
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
logo
Broadcom Corporation.
AC205 BOARDCOM-AC205 Datasheet
712Kb / 60P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
logo
Teledyne Technologies I...
AC2056 TELEDYNE-AC2056 Datasheet
160Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2058 TELEDYNE-AC2058 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Broadcom Corporation.
AC205KQM BOARDCOM-AC205KQM Datasheet
712Kb / 60P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
More results

Similar Description - AC205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC206 ETC-AC206 Datasheet
96Kb / 2P
5 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC208 ETC-AC208 Datasheet
98Kb / 2P
8 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC205 ETC1-AC205 Datasheet
96Kb / 2P
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC207 ETC1-AC207 Datasheet
95Kb / 2P
8-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch 10/100
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
Hardened 5 Port Ethernet Switch 10/100
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com