Electronic Components Datasheet Search
  English  ▼

X  

AD641 Datasheet(PDF) 3 Page - Analog Devices

Part # AD641
Description  250 MHz Demodulating Logarithmic Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD641 Datasheet(HTML) 3 Page - Analog Devices

  AD641_15 Datasheet HTML 1Page - Analog Devices AD641_15 Datasheet HTML 2Page - Analog Devices AD641_15 Datasheet HTML 3Page - Analog Devices AD641_15 Datasheet HTML 4Page - Analog Devices AD641_15 Datasheet HTML 5Page - Analog Devices AD641_15 Datasheet HTML 6Page - Analog Devices AD641_15 Datasheet HTML 7Page - Analog Devices AD641_15 Datasheet HTML 8Page - Analog Devices AD641_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. C
AD641
–3–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD641AN
–40
°C to +85°C Plastic DIP
N-20
AD641AP
–40
°C to +85°C PLCC
P-20A
5962-9559801MRA –55
°C to +125°C Cerdip
Q-20
AD641-EB
Evaluation Board
THERMAL CHARACTERISTICS
JC
JA
( C/W)
( C/W)
20-Lead Plastic DIP Package (N)
24
61
20-Lead Cerdip Package (Q)
25
85
20-Lead Plastic Leadless Chip Carrier (P)
28
75
ABSOLUTE MAXIMUM RATINGS*
Supply Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7.5 V
Input Voltage (Pin 1 or Pin 20 to COM) . . . –3 V to +300 mV
Attenuator Input Voltage (Pin 5 to Pin 3/4) . . . . . . . . . . .
±4 V
Storage Temperature Range, Q . . . . . . . . . . –65
°C to +150°C
Storage Temperature Range, N, P . . . . . . . . –65
°C to +125°C
Ambient Temperature Range, Rated Performance
Industrial, AD641A . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Military, AD641S . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may adversely affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD641 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com