Electronic Components Datasheet Search
  English  ▼

X  

B772 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # B772
Description  SOT-89 transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

B772 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  B772 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. B772 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. B772 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
G
G
G
Gu i l i n
u i l i n
u i l i n
u i l i n S t r o n g
S t r o n g
S t r o n g
S t r o n g M i c r o
M i c r o
M i c r o
M i c r o - E
- E
- E
- E l e c t r o n i c s
l e c t r o n i c s
l e c t r o n i c s
l e c t ro n i c s C o . ,
C o . ,
C o . ,
C o . , L t d .
L t d .
L t d .
L t d .
GMB772
SOT-89 晶體管(SOT-89 transistors)
■
最大額定值(T
(T
(T
(Taaaa=25
=25
=25
=25℃))))
■
H
H
H
HFE
FE
FE
FE RANGE
RANGE
RANGE
RANGE 放大倍數分檔
CHARACTERISTIC
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base Voltage
集電極-基極電壓
VCBO
-40
V
Collect-Emitter Voltage
集電極-發射極電壓
VCEO
-30
V
Emitter-Base Voltage
發射極-基極電壓
VEBO
-5.0
V
Collector Current DC
集電極電流-直流
Ic
-3.0
A
Collector Current pulse
集電極電流-脉冲
Ic
-7.0
A
Collector Power Dissipation
集電極耗散功率
PC
0.5
W
Junction Temperature
結溫
Tj
150
℃
Storage Temperature Range
儲存溫度
Tstg
-55〜150
℃
60-120
60-120
60-120
60-120
100-200
100-200
100-200
100-200
160-320
160-320
160-320
160-320
20
20
20
200~400
0~400
0~400
0~400


Similar Part No. - B772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
B772 FAIRCHILD-B772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
logo
Hi-Sincerity Mocroelect...
B772 HSMC-B772 Datasheet
41Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
KEC(Korea Electronics)
B772 KEC-B772 Datasheet
297Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
More results

Similar Description - B772

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA1664 TEL-2SA1664 Datasheet
63Kb / 1P
SOT-89 Plastic-Encapsulated Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6_1 Datasheet
118Kb / 2P
SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
WILLAS ELECTRONIC CORP
2SA1201 WILLAS-2SA1201 Datasheet
351Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SC1766 WILLAS-2SC1766 Datasheet
362Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SD1898 WILLAS-2SD1898 Datasheet
268Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
B772 WILLAS-B772 Datasheet
353Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
BC869 WILLAS-BC869 Datasheet
427Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
SOT-89 FOSHAN-SOT-89 Datasheet
49Kb / 1P
SOT-89 BIPOLAR TRANSISTORS
logo
Shenzhen Tuofeng Semico...
B772 TUOFENG-B772 Datasheet
3Mb / 2P
SOT-89 Plastic-Encapsulate Transistors
D882 TUOFENG-D882 Datasheet
3Mb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com